Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC026N08NS5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSC026N08NS5
Description  Optimized for Synchronous Rectification in server and desktop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC026N08NS5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSC026N08NS5 Datasheet HTML 1Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 2Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 3Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 4Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 5Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 6Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 7Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 8Page - Infineon Technologies AG BSC026N08NS5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
OptiMOSTM5Power-Transistor,80V
BSC026N08NS5
Rev.2.1,2015-08-31
Final Data Sheet
4Electricalcharacteristics
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
80
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
2.2
3
3.8
V
VDS=VGS,ID=115µA
Zero gate voltage drain current
IDSS
-
-
0.1
10
1
100
µA
VDS=80V,VGS=0V,Tj=25°C
VDS=80V,VGS=0V,Tj=125°C
Gate-source leakage current
IGSS
-
10
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
2.2
3.0
2.6
3.9
m
VGS=10V,ID=50A
VGS=6V,ID=25A
Gate resistance
1)
RG
-
1.9
2.9
-
Transconductance
gfs
60
120
-
S
|VDS|>2|ID|RDS(on)max,ID=50A
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
1)
Ciss
-
5200
6800
pF
VGS=0V,VDS=40V,f=1MHz
Output capacitance
1)
Coss
-
840
1100
pF
VGS=0V,VDS=40V,f=1MHz
Reverse transfer capacitance
1)
Crss
-
38
66
pF
VGS=0V,VDS=40V,f=1MHz
Turn-on delay time
td(on)
-
18
-
ns
VDD=40V,VGS=10V,ID=50A,
RG,ext=3
Rise time
tr
-
14
-
ns
VDD=40V,VGS=10V,ID=50A,
RG,ext=3
Turn-off delay time
td(off)
-
47
-
ns
VDD=40V,VGS=10V,ID=50A,
RG,ext=3
Fall time
tf
-
16
-
ns
VDD=40V,VGS=10V,ID=50A,
RG,ext=3
1) Defined by design. Not subject to production test.


Similar Part No. - BSC026N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC026N02KSG INFINEON-BSC026N02KSG Datasheet
438Kb / 10P
   OptiMOS?? Power-Transistor
Rev.1.06 2010-07-01
BSC026N04LS INFINEON-BSC026N04LS Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
More results

Similar Description - BSC026N08NS5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
IRF7769L1PBF IRF-IRF7769L1PBF_15 Datasheet
267Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
   Optimized for synchronous rectification
Rev.2.1,2014-06-27
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF7799L2PBF IRF-IRF7799L2PBF_15 Datasheet
268Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7779L2PBF IRF-IRF7779L2PBF_15 Datasheet
266Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
logo
International Rectifier
IRF7739L1PBF IRF-IRF7739L1PBF_15 Datasheet
278Kb / 10P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com