Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1107 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1107
Description  300mA CMOS LDO with Shutdown and VREF Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1107 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1107 Datasheet HTML 4Page - Microchip Technology TC1107 Datasheet HTML 5Page - Microchip Technology TC1107 Datasheet HTML 6Page - Microchip Technology TC1107 Datasheet HTML 7Page - Microchip Technology TC1107 Datasheet HTML 8Page - Microchip Technology TC1107 Datasheet HTML 9Page - Microchip Technology TC1107 Datasheet HTML 10Page - Microchip Technology TC1107 Datasheet HTML 11Page - Microchip Technology TC1107 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC1107
DS21356B-page 8
© 2002 Microchip Technology Inc.
6.3
Package Dimensions
8-Pin MSOP
.122 (3.10)
.114 (2.90)
.122 (3.10)
.114 (2.90)
.043 (1.10)
MAX.
.006 (0.15)
.002 (0.05)
.016 (0.40)
.010 (0.25)
.197 (5.00)
.189 (4.80)
.008 (0.20)
.005 (0.13)
.028 (0.70)
.016 (0.40)
6
° MAX.
.026 (0.65) TYP.
PIN 1
Dimensions: inches (mm)
.050 (1.27) TYP.
8
° MAX.
PIN 1
.244 (6.20)
.228 (5.79)
.157 (3.99)
.150 (3.81)
.197 (5.00)
.189 (4.80)
.020 (0.51)
.013 (0.33)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
.
8-Pin SOIC
Dimensions: inches (mm)


Similar Part No. - TC1107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
More results

Similar Description - TC1107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com