Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT2316 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT2316
Description  N-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2316 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT2316_15 Datasheet HTML 1Page - Unisonic Technologies UT2316_15 Datasheet HTML 2Page - Unisonic Technologies UT2316_15 Datasheet HTML 3Page - Unisonic Technologies UT2316_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT2316
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-126.C
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (Note 3)
ID
3.6
A
Pulsed Drain Current (Note 1, 2)
IDM
16
A
Total Power Dissipation (TA=25°C)
PD
0.96
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 3)
θJA
175
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
30
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
μA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
0.8
V
VDS = 4.5V, VGS = 10V
6
A
On-State Drain Current
ID(ON)
VDS = 4.5V, VGS = 4.5V
4
A
VGS=10V, ID=3.4A
42
50
mΩ
Drain-Source On-State Resistance (Note 2)
RDS(ON)
VGS=4.5V, ID=2.6A
68
85
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
215
pF
Output Capacitance
COSS
90
pF
Reverse Transfer Capacitance
CRSS
VDS=15V,VGS=0V, f=1.0MHz
55
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time
tD(ON)
9
15
ns
Turn-ON Rise Time
tR
9
15
ns
Turn-OFF Delay Time
tD(OFF)
14
20
ns
Turn-OFF Fall Time
tF
VDD=15V, VGS=10V, ID≒1A,
RG=6Ω, RL=15Ω
6
12
ns
Total Gate Charge
QG
4.3
7
nC
Gate-Source Charge
QGS
0.65
nC
Gate-Drain Charge
QGD
VDS=15V, VGS=10V, ID=3.6A
1.2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
VGS=0V, IS=0.8A
0.88
1.2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
VD=VG=0V, VS=1.2V
0.8
A
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board


Similar Part No. - UT2316_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2316-AE3-R UTC-UT2316-AE3-R Datasheet
140Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
UT2316G-AE3-R UTC-UT2316G-AE3-R Datasheet
204Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT2316G-AE3-R VBSEMI-UT2316G-AE3-R Datasheet
492Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT2316L-AE3-R UTC-UT2316L-AE3-R Datasheet
140Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
UT2316L-AE3-R UTC-UT2316L-AE3-R Datasheet
204Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT2316_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com