Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA-1690 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NA-1690
Description  BLS7G2729L-350P at 2700-2900 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NA-1690 Datasheet(HTML) 5 Page - NXP Semiconductors

  NA-1690 Datasheet HTML 1Page - NXP Semiconductors NA-1690 Datasheet HTML 2Page - NXP Semiconductors NA-1690 Datasheet HTML 3Page - NXP Semiconductors NA-1690 Datasheet HTML 4Page - NXP Semiconductors NA-1690 Datasheet HTML 5Page - NXP Semiconductors NA-1690 Datasheet HTML 6Page - NXP Semiconductors NA-1690 Datasheet HTML 7Page - NXP Semiconductors NA-1690 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NXP Semiconductors
NA-1690
BLS7G2729L-350P at 2700-2900 MHz
NA-1690
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2015. All rights reserved.
Application Measurement Report
Rev. 2
— 28 April 2015
5 of 8
3. PCB Layout
3.1 PCB Layout Drawing











 
















3.2 Component list
Partslist BLS7G2729L-350P 2x 40x60mm application circuit
Input / Output
no.
value
type
comment
C1,C2
4,7uF
Tantalum Tekelec
C3,C4,C11,C12
1nF
ATC700A
soldered on the side
C5,C6
12pF
ATC800A
soldered on the side
C7
20pF
ATC800A
soldered on the side
C8
30pF
ATC800B
soldered on the side
C9,C10
12pF
ATC800A
soldered on the side
C13,C14
1nF
ATC700A
soldered on the side
C15.C16
220uF / 63V
Electrolytic Capacitor
R1,R2
9.1Ω
SMD 0805
R3,R4
8.2Ω
SMD 0805
R7*
5.1Ω
SMD 1206
* Soldered on the leads of the device
R5//L1
R6//L2
PCB
Rogers 3006
h=0.64mm, Cu=35um
Er=6.15
Input 40mmx60mm
Output 40mmx60mm
5.7Ω//Ferrite SM bead, 2773021447, Fair-Rite
5.7Ω//Ferrite SM bead, 2773021447, Fair-Rite


Similar Part No. - NA-1690

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
NA-16E FOTEK-NA-16E Datasheet
1Mb / 6P
   General Use Light Curtain
More results

Similar Description - NA-1690

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2729-125 ADPOW-2729-125 Datasheet
293Kb / 4P
   125 Watts, 36 Volts, 100us, 10% Radar 2700-2900 MHz
logo
Microsemi Corporation
2729-170 MICROSEMI-2729-170 Datasheet
111Kb / 4P
   170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz
2729-300P MICROSEMI-2729-300P Datasheet
358Kb / 2P
   300 Watts - 100關s, 10%, 36V S-Band Pulsed Radar 2700 - 2900 MHz
logo
Analog Devices
ADL5363 AD-ADL5363 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
logo
KR Electronics, Inc.
3296-2900 KR-3296-2900 Datasheet
77Kb / 3P
   KR Electronics part number 3296-2900 is a 2900 MHz highpass filter
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
   1800 MHz to 2700 MHz
REV. 0
logo
M/A-COM Technology Solu...
MAFR-000161-5S3S1T MA-COM-MAFR-000161-5S3S1T Datasheet
88Kb / 2P
   Isolator 2500-2700 MHz
MAFR-000226-000001 MA-COM-MAFR-000226-000001 Datasheet
85Kb / 2P
   Circulator 2500 - 2700 MHz
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com