Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3855ESX-2.5 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3855ESX-2.5
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ESX-2.5 Datasheet(HTML) 3 Page - Texas Instruments

  LP3855ESX-2.5 Datasheet HTML 1Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 2Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 3Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 4Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 5Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 6Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 7Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 8Page - Texas Instruments LP3855ESX-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LP3852, LP3855
www.ti.com
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
6 Voltage Options
(1) (2)
DEVICE NUMBER
PACKAGE
VOLTAGE OPTION (V)
1.8
TO-220 (5)
2.5
LP3852
DDPAK/TO-263 (5)
LP3855
3.3
SOT-223 (5)
5.0
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available on the Packaging Information page at www.ti.com.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3852 LP3855


Similar Part No. - LP3855ESX-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3855ESX-2.5 NSC-LP3855ESX-2.5 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3855ESX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
[Old version datasheet]   LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com