Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3852EMP-3.3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3852EMP-3.3
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3852EMP-3.3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3852EMP-3.3 Datasheet HTML 2Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 3Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 4Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 5Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 6Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 7Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 8Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 9Page - Texas Instruments LP3852EMP-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
8.5 Electrical Characteristics
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, IOUT = 10 mA, COUT = 10 µF, VSD = 2 V, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOUT +1 V ≤ VIN ≤ 7 V
–1.5%
0
1.5%
10 mA
≤ IOUT ≤ 1.5 A
VOUT
Output voltage tolerance(3)
For –40°C
≤ TJ ≤ 125°C
–3%
3%
VOUT +1 V ≤ VIN ≤ 7 V
0.02%
ΔVOUT/ΔVIN
Output voltage line regulation(3)
For –40°C
≤ TJ ≤ 125°C
0.06%
10 mA
≤ IOUT ≤ 1.5 A
0.06%
ΔVOUT/ΔIOUT
Output voltage load regulation(3)
For –40°C
≤ TJ ≤ 125°C
0.12%
IOUT = 150 mA
24
35
For –40°C
≤ TJ ≤ 125°C
45
Dropout voltage
TO-263 and TO-220(4)
IOUT = 1.5A
240
280
For –40°C
≤ TJ ≤ 125°C
380
VIN - VOUT
mV
IOUT = 150mA
26
35
For –40°C
≤ TJ ≤ 125°C
45
Dropout voltage
SOT(4), (5)
IOUT = 1.5 A
260
320
For –40°C
≤ TJ ≤ 125°C
435
IOUT = 150 mA
3
9
For –40°C
≤ TJ ≤ 125°C
10
Ground pin current in normal
IGND
mA
operation mode
IOUT = 1.5 A
3
9
For –40°C
≤ TJ ≤ 125°C
10
VSD ≤ 0.3V
0.01
10
Ground pin current in shutdown
IGND
µA
mode
-40°C
≤ TJ ≤ 85°C
50
IOUT(PK)
Peak output current
VO ≥ VO(NOM) – 4%
1.8
A
SHORT CIRCUIT PROTECTION
ISC
Short circuit current
3.2
A
SHUTDOWN INPUT
VSDT Rising from 0.3 V until
1.3
Output = ON
For –40°C
≤ TJ ≤ 125°C
2
VSDT
Shutdown threshold
V
VSDT Falling from 2 V until
1.3
Output = OFF
For –40°C
≤ TJ ≤ 125°C
0.3
TdOFF
Turnoff delay
IOUT = 1.5 A
20
µs
TdON
Turnon delay
IOUT = 1.5 A
25
µs
ISD
SD input current
VSD = VIN
1
nA
ERROR PIN
See(6)
10%
VT
Threshold
For –40°C
≤ TJ ≤ 125°C
5%
16%
See(6)
5%
VTH
Threshold hysteresis
For –40°C
≤ TJ ≤ 125°C
2%
8%
(1)
Limits are specified by testing, design, or statistical correlation.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5 V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5 V.
(5)
The SOT-223 package devices have slightly higher dropout due to increased bond wire resistance.
(6)
ERROR threshold and hysteresis are specified as percentage of regulated output voltage. See ERROR Flag Operation.
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855


Similar Part No. - LP3852EMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852EMP-3.3 NSC-LP3852EMP-3.3 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3852EMP-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
[Old version datasheet]   LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com