Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1046 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1046
Description  High Precision Temperature-to-Voltage Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046 Datasheet(HTML) 3 Page - Microchip Technology

  TC1046 Datasheet HTML 1Page - Microchip Technology TC1046 Datasheet HTML 2Page - Microchip Technology TC1046 Datasheet HTML 3Page - Microchip Technology TC1046 Datasheet HTML 4Page - Microchip Technology TC1046 Datasheet HTML 5Page - Microchip Technology TC1046 Datasheet HTML 6Page - Microchip Technology TC1046 Datasheet HTML 7Page - Microchip Technology TC1046 Datasheet HTML 8Page - Microchip Technology TC1046 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2002 Microchip Technology Inc
DS21496B-page 3
TC1046
3.0
DETAILED DESCRIPTION
The TC1046 has an output voltage that varies linearly
with temperature in degrees Celsius. See Figure 3-1,
“Output Voltage versus Temperature” for the TC1046.
The temperature slope is fixed at 6.25mV/°C and the
output voltage at 0°C is 424mV.
FIGURE 3-1:
OUTPUT VOLTAGE VS. TEMPERATURE
1.20525
1.174
1.049
0.924
0.799
0.674
0.549
0.424
0.299
0.174
-40
-30 -20 -10
0
10
20
30
40
50
60
70 80
90 100 110 120
125
TEMPERATURE (˚C)
VOUT = (6.25 mV/ (˚C) (Temperature (˚C) + 424mV


Similar Part No. - TC1046

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1046 MICROCHIP-TC1046 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC1046VNB MICROCHIP-TC1046VNB Datasheet
159Kb / 12P
   High Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
   High Precision Temperature-to-Voltage Converter
11/29/12
More results

Similar Description - TC1046

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
   High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
Microchip Technology
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
   High Precision Temperature-to-Voltage Converter
11/29/12
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
logo
List of Unclassifed Man...
TSL253 ETC-TSL253 Datasheet
97Kb / 8P
   PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com