Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1043 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1043 Datasheet HTML 2Page - Microchip Technology TC1043 Datasheet HTML 3Page - Microchip Technology TC1043 Datasheet HTML 4Page - Microchip Technology TC1043 Datasheet HTML 5Page - Microchip Technology TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology TC1043 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC1043
DS21347B-page 6
© 2002 Microchip Technology Inc.
4.0
TYPICAL APPLICATIONS
The TC1043 lends itself to a wide variety of applica-
tions, particularly in battery powered systems. It typi-
cally
finds
application
in
power
management,
processor supervisory, and interface circuitry.
4.1
Wake-Up Timer
Many microcontrollers have a low power “sleep” mode
that significantly reduces their supply current. Typically,
the microcontroller is placed in this mode via a software
instruction, and returns to a fully enabled state upon
reception of an external signal (“wake-up”). The wake-
up signal is usually supplied by a hardware timer. Most
system applications demand that this timer have a long
duration (typically seconds or minutes), and consume
as little supply current as possible.
Thecircuit shown inFigure4-1 is awake-up timer
made from comparator CMPTR2. (CMPTR2 is used
because the wake-up timer must operate when SHDN
is active.) Capacitor C1 charges through R1 until a volt-
age equal to VR is reached, at which point the WAKE-
UP is driven active. Upon wake-up, the microcontroller
resets the timer by forcing a logic low on a dedicated,
open drain I/O port pin. This discharges C1 through R4
(the value of R4 is chosen to limit the maximum current
sunk by the I/O port pin). With a 3V supply, the circuit
as shown consumes typically 6
µA and furnishes a
nominal timer duration of 25 seconds.
4.2
Precision Battery Monitor
Figure 4-2 is a precision battery low/battery dead mon-
itoring circuit. Typically, the battery low output warns
the user that a battery dead condition is imminent. Bat-
tery dead typically initiates a forced shutdown to pre-
vent operation at low internal supply voltages (which
can cause unstable system operation).
The circuit of Figure 4-2 uses a single TC1043 (one op
amp is unused) and only six external resistors. AMP 1
is a simple buffer, while CMPTR1 and CMPTR2 provide
precision voltage detection using VR as a reference.
Resistors R2 and R4 set the detection threshold for
BATTLOW, while resistors R1 and R3 set the detection
threshold for BATTFAIL. The component values shown
assert BATTLOW at 2.2V (typical) and BATTFAIL at
2.0V (typical). Total current consumed by this circuit is
typically 22
µA at 3V. Resistors R5 and R6 provide hys-
teresis for comparators CMPTR1
and
CMPTR2
respectively.
4.3
Dual LDO with Shutdown
Figure 4-3 shows a portion of a TC1043 configured as
a dual low dropout regulator with shutdown. AMP1 and
AMP2 are independent error amplifiers that use VR as
a reference. Resistors RA1,RB1,RA2 and RB2 set the
feedback around the amplifiers and therefore deter-
mine the output voltage settings (please see equation
in the figure). RA1,RB1,RA2 and RB2 can have large
ohmic values (i.e. 100’s of k
Ω) to minimize supply cur-
rent.
Using the 2N2222 output transistors as shown, these
regulators exhibit low dropout operation. For example,
with VOUT = 3.0V, the typical dropout voltage is only
50mV at an output current of 50mA. The unused com-
parators can be used in conjunction with this circuit as
power-on reset or low voltage detectors for a complete
LDO solution at a very low installed cost.
4.4
External Hysteresis
Hysteresis can be set externally with two resistors
using positive feedback techniques (see Figure 4-3).
The design procedure for setting external comparator
hysteresis is as follows:
1.
Choose the feedback resistor RC.Since the
input bias current of the comparator is at most
100pA, the current through RC canbeset to
100nA (i.e. 1000 times the input bias current)
and retain excellent accuracy. The current
through RC at the comparator’s trip point is VR /
RC where VR is a stable reference voltage.
FIGURE 4-1:
WAKE-UP TIMER
2.
Determine the hysteresis voltage (VHY) between
the upper and lower thresholds.
3.
Calculate RA as follows:
WAKE-UP
R1
5M
R4
C1
10µF
VDD
VDD
VR
I/O*
*Open Drain Port Pin
Microcontroller
CMPTR2
TC1043
+


Similar Part No. - TC1043

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1040CEUA MICROCHIP-TC1040CEUA Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEOA MICROCHIP-TC1041CEOA Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEUA MICROCHIP-TC1041CEUA Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
More results

Similar Description - TC1043

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
   LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
   Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
   Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
logo
Microchip Technology
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
   Linear Building Block - Dual Low Power Op Amp
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com