Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2982 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2982
Description  LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2982 Datasheet(HTML) 5 Page - Texas Instruments

  LP2982_15 Datasheet HTML 1Page - Texas Instruments LP2982_15 Datasheet HTML 2Page - Texas Instruments LP2982_15 Datasheet HTML 3Page - Texas Instruments LP2982_15 Datasheet HTML 4Page - Texas Instruments LP2982_15 Datasheet HTML 5Page - Texas Instruments LP2982_15 Datasheet HTML 6Page - Texas Instruments LP2982_15 Datasheet HTML 7Page - Texas Instruments LP2982_15 Datasheet HTML 8Page - Texas Instruments LP2982_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP2982
www.ti.com
SNVS128J – MARCH 2000 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1V, COUT = 4.7 μF, CIN = 1 μF, all voltage options, ON/OFF pin tied to
VIN.
Output Voltage vs Temperature
Output Voltage vs Temperature
Figure 2.
Figure 3.
Output Voltage vs Temparature
Dropout Characteristics
Figure 4.
Figure 5.
Dropout Characteristics
Dropout Characteristics
Figure 6.
Figure 7.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2982


Similar Part No. - LP2982_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2982AIBP-2.8 NSC-LP2982AIBP-2.8 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBP-3.0 NSC-LP2982AIBP-3.0 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBPX-2.8 NSC-LP2982AIBPX-2.8 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBPX-3.0 NSC-LP2982AIBPX-3.0 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIM5-2.5 NSC-LP2982AIM5-2.5 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2982_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com