Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2957 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2957
Description  5V Low-Dropout Regulator for 關P Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2957_15 Datasheet HTML 2Page - Texas Instruments LP2957_15 Datasheet HTML 3Page - Texas Instruments LP2957_15 Datasheet HTML 4Page - Texas Instruments LP2957_15 Datasheet HTML 5Page - Texas Instruments LP2957_15 Datasheet HTML 6Page - Texas Instruments LP2957_15 Datasheet HTML 7Page - Texas Instruments LP2957_15 Datasheet HTML 8Page - Texas Instruments LP2957_15 Datasheet HTML 9Page - Texas Instruments LP2957_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LP2957, LP2957A
SNVS102C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 6V, IL = 1 mA, CL = 2.2 µF, V SD = 3V, TA = 25°C
Load Transient Response
Load Transient Response
Figure 16.
Figure 17.
Dropout Characteristics
Enable Transient
Figure 18.
Figure 19.
Short-Circuit Output Current
Enable Transient
and Maximum Output Current
Figure 20.
Figure 21.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LP2957 LP2957A


Similar Part No. - LP2957_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957AIS NSC-LP2957AIS Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
LP2957AIT NSC-LP2957AIT Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
Texas Instruments
LP2957A TI-LP2957A_15 Datasheet
2Mb / 24P
[Old version datasheet]   LP2957/LP2957A 5V Low-Dropout Regulator for 關P Applications
logo
National Semiconductor ...
LP2957IS NSC-LP2957IS Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
LP2957IT NSC-LP2957IT Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
More results

Similar Description - LP2957_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
Texas Instruments
LP2957A TI-LP2957A_15 Datasheet
2Mb / 24P
[Old version datasheet]   LP2957/LP2957A 5V Low-Dropout Regulator for 關P Applications
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Linear Technology
LT1528 LINER-LT1528_15 Datasheet
172Kb / 12P
   3A Low Dropout Regulator for Microprocessor Applications
LT1528 LINER-LT1528 Datasheet
248Kb / 12P
   3A Low Dropout Regulator for Microprocessor Applications
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com