Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2957 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2957
Description  5V Low-Dropout Regulator for 關P Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957 Datasheet(HTML) 4 Page - Texas Instruments

  LP2957_15 Datasheet HTML 1Page - Texas Instruments LP2957_15 Datasheet HTML 2Page - Texas Instruments LP2957_15 Datasheet HTML 3Page - Texas Instruments LP2957_15 Datasheet HTML 4Page - Texas Instruments LP2957_15 Datasheet HTML 5Page - Texas Instruments LP2957_15 Datasheet HTML 6Page - Texas Instruments LP2957_15 Datasheet HTML 7Page - Texas Instruments LP2957_15 Datasheet HTML 8Page - Texas Instruments LP2957_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP2957, LP2957A
SNVS102C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VIN = 6V, IL = 1 mA, CL = 2.2 µF, V SD = 3V, TA = 25°C
Ground Pin Current
Ground Pin Current
Figure 4.
Figure 5.
Ground Pin Current
vs Load
Ground Pin Current
Figure 6.
Figure 7.
Ground Pin Current
Output Noise Voltage
Figure 8.
Figure 9.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LP2957 LP2957A


Similar Part No. - LP2957_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957AIS NSC-LP2957AIS Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
LP2957AIT NSC-LP2957AIT Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
Texas Instruments
LP2957A TI-LP2957A_15 Datasheet
2Mb / 24P
[Old version datasheet]   LP2957/LP2957A 5V Low-Dropout Regulator for 關P Applications
logo
National Semiconductor ...
LP2957IS NSC-LP2957IS Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
LP2957IT NSC-LP2957IT Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
More results

Similar Description - LP2957_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
Texas Instruments
LP2957A TI-LP2957A_15 Datasheet
2Mb / 24P
[Old version datasheet]   LP2957/LP2957A 5V Low-Dropout Regulator for 關P Applications
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Linear Technology
LT1528 LINER-LT1528_15 Datasheet
172Kb / 12P
   3A Low Dropout Regulator for Microprocessor Applications
LT1528 LINER-LT1528 Datasheet
248Kb / 12P
   3A Low Dropout Regulator for Microprocessor Applications
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com