Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2522 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AAT2522
Description  Dual High-Current, Low-Noise, Step-Down Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2522 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AAT2522 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2522 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AAT2522
Dual High-Current, Low-Noise, Step-Down Regulator
DATA SHEET
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202032A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2012
General Description
The AAT2522 is a SwitchReg, dual, high-current, step-
down converter with an input voltage range of 2.7V to
5.5V and an adjustable output voltage from 0.6V to VIN.
The 1.4MHz switching frequency enables the use of small
external components. The compact footprint and high
efficiency make the AAT2522 an ideal choice for portable
applications.
The AAT2522 delivers load currents up to 3.0A maximum
output current per regulator. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the
AAT2522 an ideal choice for high output-voltage, high
current applications which require a low dropout thresh-
old.
The AAT2522 provides excellent transient response and
high output accuracy across the operating range. The
AAT2522’s unique architecture requires no external com-
pensation components, and produces reduced ripple and
spectral noise. Over-temperature and short-circuit pro-
tection safeguard the AAT2522 and system components
from damage.
The AAT2522 is available in a Pb-free, space-saving
16-pin 3mm x 4mm TDFN package. The product is rated
over an operating temperature range of -40°C to +85°C.
Features
• Dual 3.0A Peak Output Current Regulators
• 2.7V to 5.5V Input Voltage Range
• Adjustable Output Voltage (0.6V to V
IN)
• 100% Duty-Cycle, Low-Dropout Operation
• Integrated 120mΩ High-Side Power MOSFET
• Integrated 85mΩ Low-Side Power MOSFET
• Low Noise Light Load Mode
• No External Compensation Required
• Very Low 90μA No-Load Operating Current
• <1μA Shutdown Current
• Up to 95% Efficiency
• 1.4MHz Switching Frequency
• Overload and Short-Circuit Protection
• Over-Temperature Protection
• Internal Voltage Ramped Soft-Start
• Temperature Range: -40°C to +85°C
• 16-pin 3mm x 4mm TDFN Package
Applications
• Digital Cameras and Camcorders
• Netbooks and Nettops
• Portable DVD and Media Devices
• Power-Over-Ethernet
• Set-Top Boxes
Typical Application
IN1
VCC1
AGND1
LX1
FB1
PGND1
IN2
VCC2
PGND2
AGND2
LX2
FB2
EP
EN1
EN2
V
IN
2.7V to 5.5V
V
OUT1
0.6V to V
IN
V
OUT2
0.6V to V
IN
ON/OFF
ON/OFF
AAT2522


Similar Part No. - AAT2522

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2500 ANALOGICTECH-AAT2500 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2500B ANALOGICTECH-AAT2500B Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
AAT2500BIZL-BAA-T1 ANALOGICTECH-AAT2500BIZL-BAA-T1 Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
AAT2500IFP-AQ-T1 ANALOGICTECH-AAT2500IFP-AQ-T1 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2500IWP-AG-T1 ANALOGICTECH-AAT2500IWP-AG-T1 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
More results

Similar Description - AAT2522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777 Datasheet
270Kb / 24P
   Low Noise Step-Down Switching Regulator
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
   Low Noise Step-Down Switching Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
Advanced Analogic Techn...
AAT2789 ANALOGICTECH-AAT2789 Datasheet
799Kb / 22P
   Low Noise, High Frequency Dual Step-Down Converter
logo
Linear Technology
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com