Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1015 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1015
Description  50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1015 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1015 Datasheet HTML 2Page - Microchip Technology TC1015 Datasheet HTML 3Page - Microchip Technology TC1015 Datasheet HTML 4Page - Microchip Technology TC1015 Datasheet HTML 5Page - Microchip Technology TC1015 Datasheet HTML 6Page - Microchip Technology TC1015 Datasheet HTML 7Page - Microchip Technology TC1015 Datasheet HTML 8Page - Microchip Technology TC1015 Datasheet HTML 9Page - Microchip Technology TC1015 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC1014/TC1015/TC1185
DS21335B-page 6
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1014/TC1015/TC1185
are
precision fixed
output voltage regulators. (If an adjustable version is
desired, please see the TC1070/TC1071/TC1187 data
sheet.) Unlike bipolar regulators, the TC1014/TC1015/
TC1185 supply current does not increase with load
current. In addition, VOUT remains stable and within
regulation over the entire 0mA to IOUTMAX operating
load current ranges (an important consideration in RTC
and CMOS RAM battery back-up applications).
Figure 3-1 shows a typical application circuit. The
regulator is enabled any time the shutdown input
(SHDN)isatorabove VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate, or I/O port of a
microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While
in shutdown, supply current decreases to 0.05
µA
(typical), VOUT fallstozerovolts.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Bypass Input
A 470pF capacitor connected from the Bypass input to
ground
reduces
noise
present
on
the
internal
reference, which in turn significantly reduces output
noise. If output noise is not a concern, this input may be
left unconnected. Larger capacitor values may be
used, but results in a longer time period to rated output
voltage when power is initially applied.
3.2
Output Capacitor
A1
µF(min) capacitor from VOUT to ground is required.
The output capacitor should have an effective series
resistance greater than 0.1
Ω and less than 5Ω.A 1µF
capacitor should be connected from VIN to GND if there
is more than 10 inches of wire between the regulator
and the AC filter capacitor, or if a battery is used as the
power source. Aluminum electrolytic or tantalum
capacitor types can be used. (Since many aluminum
electrolytic capacitors freeze at approximately -30°C,
solid tantalums are recommended for applications
operating below -25°C.) When operating from sources
other
than
batteries,
supply-noise
rejection
and
transient response can be improved by increasing the
value of the input and output capacitors and employing
passive filtering techniques.
TC1014
TC1015
TC1185
VOUT
SHDN
GND
Bypass
470pF
Reference
Bypass Cap
(Optional)
1
µF
+
VIN
VOUT
Shutdown Control
(to CMOS Logic or Tie
to VIN if unused)
1
µF
+
Battery
+


Similar Part No. - TC1015

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1015 MICROCHIP-TC1015 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1015-1.8VCT713 MICROCHIP-TC1015-1.8VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1015-2.5VCT713 MICROCHIP-TC1015-2.5VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1015-2.6VCT713 MICROCHIP-TC1015-2.6VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1015-2.7VCT713 MICROCHIP-TC1015-2.7VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
More results

Similar Description - TC1015

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com