Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG298 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SG298
Description  PWB direct mount type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG298 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SG298 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG298 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOINTERRUPTER
フォトインタラプタ
Aug.2014
問い合わせ先/A REFERENCE
営業推進センター(西日本)/SALES(WEST)
営業推進センター(東日本)/SALES(EAST)
TEL 0774-20-3559 FAX 0774-24-1031
TEL 03-6455-0280 FAX 03-3461-1566
URL http://www.kodenshi.co.jp
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
順電流/周囲温度 IF/Ta
順電流/順電圧特性 IF/VF
光電流/順電流特性 Ic/IF
0
50
100
0
25
50
75
100
Ta
0
50
100
0
0.5
1
1.5
2
2.5
VF
0
1
2
010
20
30
40
50
IF
コレクタ損失/周囲温度 Pc/Ta
相対光電流/周囲温度特性 相対Ic/Ta
暗電流/周囲温度特性 ICEO/Ta
0
50
100
025
50
75
100
Ta
0
50
100
-25
0
25
50
75
100
Ta
0.01
0.1
1
10
100
-25
0
25
50
75
100
Ta
VCE=10V
光電流/コレクタエミッタ間電圧特性
応答時間/負荷抵抗特性 tr,tf/RL *1
Ic/VCE
0
1
2
02468
10
12
14
VCE
0.1
1
10
100
1000
101
102
103
104
105
RL
Ic=1mA
位置検出特性 相対Ic/移動距離 *2
X
0
50
100
-2
-1
0
1
2
Y
0
50
100
-2
-1
0
1
2
IF=50mA
IF=10mA
IF=20mA
IF=30mA
IF=40mA
SG298
tr
tf
(mA)
(℃)
(mA)
(%)
(℃)
(nA)
(℃)
(mW)
(℃)
(V)
tr:Rise Time
tf:Fall Time
Slit Cent er
-
+
0
Sli t Ce nter
-
+
0
Y方 向
X方 向
(mA)
(mA)
(μsec)
(Ω)
(V)
(mA)
(%)
(%)
(mm)
(mm)
*1 Switching Time Measurement Circuit
*2 Method of Measuring Position Detection Characteristic


Similar Part No. - SG298

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG290 KODENSHI-SG290 Datasheet
271Kb / 2P
   Photointerrupters(Transmissive)
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055 MICROSEMI-SG29055 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055A MICROSEMI-SG29055A Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055A MICROSEMI-SG29055A Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results

Similar Description - SG298

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
   PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
   PWB direct mount type
SG288 KODENSHI-SG288 Datasheet
263Kb / 2P
   PWB direct mount type
SG2C11 KODENSHI-SG2C11 Datasheet
154Kb / 2P
   PWB direct mount type
LG226L KODENSHI-LG226L Datasheet
149Kb / 2P
   PWB direct mount type
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
   PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
   PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
   PWB direct mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com