Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3692 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT3692
Description  Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3692 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT3692 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT3692 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201895B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 27, 2012
AAT3692
DATA SHEET
Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
Typical Characteristics
ADP Charging Current vs. Battery Voltage
(VADP = 5V)
VBAT (V)
2.5
2.9
3.3
3.7
4.1
4.5
0
300
600
900
1200
1500
1800
RSET = 1kΩ
RSET = 1.14kΩ
RSET = 1.33kΩ
RSET = 1.6kΩ
RSET = 2kΩ
RSET = 3.2kΩ
RSET = 5.33kΩ
RSET = 16kΩ
USB Charging Current vs. Battery Voltage
(VUSB = 5V)
VBAT (V)
0
100
200
300
400
500
600
4.5
4.0
3.5
3.0
2.5
RSET = 3.2kΩ
RSET = 4kΩ
RSET = 5.33kΩ
RSET = 8kΩ
RSET = 16kΩ
RSET = 32kΩ
NOBAT V
IH vs. Input Voltage
Input Voltage (V)
3.0
3.6
4.2
4.8
5.4
6.0
6.6
7.2
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40°C
25°C
85°C
NOBAT V
IL vs. Input Voltage
Input Voltage (V)
3.0
3.6
4.2
4.8
5.4
6.0
6.6
7.2
0.40
0.45
0.50
0.55
0.60
0.65
0.70
-40°C
25°C
85°C
EN V
IH vs. Input Voltage
Input Voltage (V)
3.0
3.6
4.2
4.8
5.4
6.0
6.6
7.2
0.80
0.85
0.90
0.95
1.00
1.05
1.10
-40°C
25°C
85°C
EN V
IL vs. Input Voltage
Input Voltage (V)
3.0
3.6
4.2
4.8
5.4
6.0
6.6
7.2
0.45
0.50
0.55
0.60
0.65
0.70
0.75
-40°C
25°C
85°C


Similar Part No. - AAT3692

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3690IWP-4.2-T1 ANALOGICTECH-AAT3690IWP-4.2-T1 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Skyworks Solutions Inc.
AAT3691 SKYWORKS-AAT3691 Datasheet
1Mb / 18P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
   1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3692

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3691 SKYWORKS-AAT3691 Datasheet
1Mb / 18P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
   1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
   1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Diodes Incorporated
APM8600 DIODES-APM8600 Datasheet
192Kb / 14P
   SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
DS35140 Rev. 1 - 2
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
   28V, 1A Dual Input Linear Battery Charger With Timer
logo
Diodes Incorporated
APM8601 DIODES-APM8601 Datasheet
206Kb / 14P
   DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
DS35138 Rev. 1 - 2
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606 Datasheet
170Kb / 12P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN
Rev 0; 8/05
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
   30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
MAX8814 MAXIM-MAX8814 Datasheet
215Kb / 12P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
Rev 0; 10/07
MAX8814 MAXIM-MAX8814_V01 Datasheet
217Kb / 11P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com