Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3696 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # AAT3696
Description  1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3696 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button AAT3696 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT3696 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AAT3696
DATA SHEET
1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201897B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 27, 2012
Typical Characteristics−OVP
Over-Voltage Protection Response Time
(RLOAD = 100Ω, All 80ms Delay Options)
Time (50ms/div)
0
2
4
6
8
10
0
2
4
6
8
Over-Voltage Protection Response Time
(RLOAD = 100Ω, All 40μs Delay Options)
Time (10μs/div)
0
2
4
6
8
10
0
2
4
6
8
OVP Trip Point vs. Temperature
Temperature (°C)
-15
10
-40
35
60
85
6.00
6.20
6.40
6.60
6.80
7.00
3696-1, -2
3696-5, -6
Battery Recharge Voltage Threshold
vs. Temperature
(RSET = 1.58KΩ)
Temperature (°C)
-15
10
-40
35
60
85
4.070
4.075
4.080
4.085
4.090
4.095
4.100
4.105
4.110


Similar Part No. - AAT3696

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3690IWP-4.2-T1 ANALOGICTECH-AAT3690IWP-4.2-T1 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Skyworks Solutions Inc.
AAT3691 SKYWORKS-AAT3691 Datasheet
1Mb / 18P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3692 SKYWORKS-AAT3692 Datasheet
2Mb / 19P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3696

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
   1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
logo
ACE Technology Co., LTD...
ACE4101 ACE-ACE4101 Datasheet
842Kb / 9P
   Max. 1.6A Li-ion Switching Charger IC
VER 1.4
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com