Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG294 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG294
Description  PWB direct mount type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG294 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG294 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG294 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOTOINTERRUPTER
Aug.2014
SG294は高出力赤外発光ダイオードと高感度フォトトランジスタ
を組合わせた透過型フォトインタラプタです。高精度位置検出に
適した汎用インタラプタです。
SG294 is a transmission type photointerrupter combined high power
infrared LED with high sensitive phototransistor, suitable for highly
acurate position detecting.
フォトインタラプタ
特長 FEATURES
用途 APPLICATIONS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
SG294
電気的光学的特性
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
1.2
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
1
10
1.4
10
100
0.3
3
0.5
0.15
10
0.4
10
940
順電圧
逆電流
Forward Voltage
Reverse Current
入力
Input
出力
Output
伝達特性
Transmission
VF
IR
V
μA
ピーク発光波長
暗電流
光電流
漏れ電流
コレクタ-エミッタ間飽和電圧
応答時間(立ち上がり)
応答時間(立ち下がり)
Peak Wavelength
Collector Dark Current
Light Current
Leakage Current
C-E Saturation Voltage
Rise Time
Fall Time
λp
tr
tf
ICEOD
ICEO
IC
VCE(sat)
IF=20mA
VR=5V
VCE=10V, Ev=0 lx
IF=20mA, VCE=5V, 入光状態(Non-Shading)
IF=20mA, VCE=5V, 遮光状態(Shading)
IF=10mA, IC=0.03mA
VCC=5V, IC=1mA, RL=100Ω
nm
nA
mA
μA
V
μs
μs
外形寸法 DIMENSIONS (Unit : mm)
最大定格 MAXIMUM RATINGS
Item
Symbol Rating
Unit
動作温度
保存温度
はんだ付け温度
Topr.
Tstg.
Tsol.
-20~+85
-30~+100
260
(Ta=25℃)
Operating Temp.
Storage Temp.
Soldering Temp.
75
mW
5
V
50
mA
許容損失
順電流
逆電圧
*1. パルス幅:tw≦100μs 周期:T=10ms
氷結、結露の無き事
ケース端面より1mm離れた所でt≦5s
Pulse width:tw≦100μs period:T=10ms
No icebound or dew
For max. 5 seconds at the position of 1mm from the resin edge
*2.
Power Dissipation
Forward Current
Reverse Voltage
*2
*2
*3
入力
Input
出力
Output
PD
IF
VR
75
30
20
V
mW
mA
*3.
パルス順電流
コレクタ損失
コレクタ電流
コレクタ-エミッタ間電圧
エミッタ-コレクタ間電圧
Pulse Forward Current
Collector Power Dissipation
Collector Current
Collector-Emitter Voltage
Emitter-Collector Voltage
*1
Pc
Ic
IFP
VCEO
VECO
0.5
5
A
V
カメラ
Camera
IF=20mA
ギャップ幅 1.2mm
基板直付けタイプ
高分解能(スリット幅0.15mm)
超小型
Gap width : 1.2 mm
PWB direct mount type
High resolution (slit 0.15mm)
Ultra-compact
C0.7
0.3
A-A' SECTION
3.4
4x0.4
(2.0)
Optical Center
3.7
1.2
(C0.3)
(2.85)
4x0.15
A'
A
Collector
Anode
Emitter
Cathode


Similar Part No. - SG294

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG290 KODENSHI-SG290 Datasheet
271Kb / 2P
   Photointerrupters(Transmissive)
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055 MICROSEMI-SG29055 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055A MICROSEMI-SG29055A Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055A MICROSEMI-SG29055A Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results

Similar Description - SG294

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
   PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
   PWB direct mount type
SG288 KODENSHI-SG288 Datasheet
263Kb / 2P
   PWB direct mount type
SG2C11 KODENSHI-SG2C11 Datasheet
154Kb / 2P
   PWB direct mount type
LG226L KODENSHI-LG226L Datasheet
149Kb / 2P
   PWB direct mount type
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
   PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
   PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
   PWB direct mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com