Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS152-IS Datasheet(PDF) 11 Page - Microchip Technology

Part # SCS152-IS
Description  KEELOQ Token Card Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152-IS Datasheet(HTML) 11 Page - Microchip Technology

Back Button SCS152-IS Datasheet HTML 7Page - Microchip Technology SCS152-IS Datasheet HTML 8Page - Microchip Technology SCS152-IS Datasheet HTML 9Page - Microchip Technology SCS152-IS Datasheet HTML 10Page - Microchip Technology SCS152-IS Datasheet HTML 11Page - Microchip Technology SCS152-IS Datasheet HTML 12Page - Microchip Technology SCS152-IS Datasheet HTML 13Page - Microchip Technology SCS152-IS Datasheet HTML 14Page - Microchip Technology SCS152-IS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SCS152
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 11
5.0
COMPATIBILITY WITH
INDUSTRY STANDARD
DEVICES
The RESET and RDBIT commands meets the require-
ments of ISO 7816-3 for the ‘Answer-to-Reset’
sequence for synchronous chip cards.
The basic counter modification commands BITPROG
and
ERASE
correspond
with
the
WRITE
and
ERASE-WITH-CARRY commands of industry standard
devices. However, industry standard devices use eight
bits to represent each digit, and a WRITE command will
program the current bit to ‘0’.
The application can, therefore, decrement a digit by
programming any of the eight bits to ‘0’, whereas with
the SCS152, any BITPROG command will always
decrement the current digit value. If the application
decrements each digit as described above, the WRITE
command will appear to program the current bit to ‘0’.
Thus, while the SCS152 will accept and interpret the
commands correctly, the changes to the memory map
will only correspond to that of the other cards, if the first
‘1’ in a digit field is always programmed ‘0’ with a
WRITE command.
For example, if digit field D3 contains the value ‘6’, it will
be read out as 00111111. If a BITPROG command is
issued anywhere in D3, its value will be decremented to
‘5’, and it will always read out as 00011111, regardless
of which address in the digit the BITPROG command
was issued.
The ISS is only an external view of the CFG field and
cannot be changed. A BITPROG command at this
address will actually decrement digit D4. It should also
be noted that the address counter appears to wrap from
275 back to 0, which differs from other similar devices.
5.1
Fail Safe Counter Update
The carry is performed by a BITPROG, followed by an
ERASE. This process first deducts a number of tokens
(the BITPROG command) and then adds some again
(with the ERASE command), but never more than pre-
viously deducted with the BITPROG command. If the
device is pulled from the reader between the BITPROG
and ERASE commands, the user may lose many
tokens.
This situation can be avoided by substituting the
DECR-ERASE command whenever a sequence of
BITPROG and ERASE commands are needed to
update the token counter (Step 5c in Section 4.2). This
will modify the contents of the EEPROM in one indivis-
ible operation that will either complete or not modify the
EEPROM in any way, if external power is removed early
on during the EEPROM programming.


Similar Part No. - SCS152-IS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
   0.35Amp 40V Low Vf Schottky Barrier Rectifiers
More results

Similar Description - SCS152-IS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
   KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
   KEELOQ Code Hopping Encoder
2002
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
   Token Ring Transceiver
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
logo
Microchip Technology
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com