Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18C252 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC18C252
Description  High-Performance Microcontrollers with 10-Bit A/D
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C252 Datasheet(HTML) 5 Page - Microchip Technology

  PIC18C252 Datasheet HTML 1Page - Microchip Technology PIC18C252 Datasheet HTML 2Page - Microchip Technology PIC18C252 Datasheet HTML 3Page - Microchip Technology PIC18C252 Datasheet HTML 4Page - Microchip Technology PIC18C252 Datasheet HTML 5Page - Microchip Technology PIC18C252 Datasheet HTML 6Page - Microchip Technology PIC18C252 Datasheet HTML 7Page - Microchip Technology PIC18C252 Datasheet HTML 8Page - Microchip Technology PIC18C252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 296 page
background image
© 7/99 Microchip Technology Inc.
Preliminary
DS39026B-page 5
PIC18CXX2
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following four devices:
1.
PIC18C242
2.
PIC18C252
3.
PIC18C442
4.
PIC18C452
These devices come in 28 and 40-pin packages. The
28-pin devices do not have a Parallel Slave Port (PSP)
implemented and the number of Analog-to-Digital (A/D)
converter input channels is reduced to 5. An overview
of features is shown in Table 1-1.
The following two figures are device block diagrams
sorted by pin count; 28-pin for Figure 1-1 and 40-pin for
Figure 1-2. The 28-pin and 40-pin pinouts are listed in
Table 1-2 and Table 1-3 respectively.
TABLE 1-1:
DEVICE FEATURES
Features
PIC18C242
PIC18C252
PIC18C442
PIC18C452
Operating Frequency
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
Program Memory (Bytes)
16K
32K
16K
32K
Program Memory (Instructions)
8192
16384
8192
16384
Data Memory (Bytes)
512
1536
512
1536
Interrupt sources
16
16
17
17
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E Ports A, B, C, D, E
Timers
4
4
4
4
Capture/Compare/PWM modules
2
2
2
2
Serial Communications
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
Parallel Communications
PSP
PSP
10-bit Analog-to-Digital Module
5 input channels
5 input channels
8 input channels
8 input channels
Resets (and Delays)
POR, BOR,
Reset Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
Reset Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
Reset Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
Reset Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
Programmable Low Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
75 Instructions
75 Instructions
Packages
28-pin DIP
28-pin SOIC
28-pin JW
28-pin DIP
28-pin SOIC
28-pin JW
40-pin DIP
40-pin PLCC
40-pin TQFP
40-pin JW
40-pin DIP
40-pin PLCC
40-pin TQFP
40-pin JW


Similar Part No. - PIC18C252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18C252 MICROCHIP-PIC18C252 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18C252 MICROCHIP-PIC18C252 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12
More results

Similar Description - PIC18C252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
   High Performance Microcontrollers with 10-bit A/D
2001
PIC18C242-I-SP MICROCHIP-PIC18C242-I-SP Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LF252-ISP MICROCHIP-PIC18LF252-ISP Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F452 MICROCHIP-PIC18F452 Datasheet
5Mb / 332P
   High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
2002
PIC18LF252-I MICROCHIP-PIC18LF252-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com