Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC17CXX Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC17CXX
Description  EPROM Memory Programming Specification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17CXX Datasheet(HTML) 3 Page - Microchip Technology

  PIC17CXX Datasheet HTML 1Page - Microchip Technology PIC17CXX Datasheet HTML 2Page - Microchip Technology PIC17CXX Datasheet HTML 3Page - Microchip Technology PIC17CXX Datasheet HTML 4Page - Microchip Technology PIC17CXX Datasheet HTML 5Page - Microchip Technology PIC17CXX Datasheet HTML 6Page - Microchip Technology PIC17CXX Datasheet HTML 7Page - Microchip Technology PIC17CXX Datasheet HTML 8Page - Microchip Technology PIC17CXX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 1996 Microchip Technology Inc.
DS30139I-page 3
EPROM Memory Programming Specification
2.1.1
LOADING NEW ADDRESS
The program allows new address to be loaded right out
of reset. A 16-bit address is presented on ports RB
(high byte) and RC (low byte) and the RA1 is pulsed
(0
→ 1, then 1 → 0). The address is latched on the ris-
ing edge of RA1. See timing diagrams for details. After
loading an address, the program automatically goes
into a “verify cycle”. To load a new address at any time,
the PIC17C4X must be reset and the programming
mode re-entered.
2.1.2
VERIFY (OR READ) MODE
“Verify mode” can be entered from “Load address”
mode, “program mode” or “verify mode”. In verify mode
pulsing RA1 will turn on PORTS RB and RC output
drivers and output the 16-bit value from the current
location. Pulsing RA1 again will increment location
count and be ready for the next verify cycle. Pulsing
RA0 will begin a program cycle.
2.1.3
PROGRAM CYCLE
“Program cycle” is entered from “verify cycle” or pro-
gram cycle” itself. After a verify, pulsing RA0 will begin
a program cycle. 16-bit data must be presented on
PORTS RB (high byte) and RC (low byte) before RA0
is raised.
The data is sampled 3 TCY cycles after the rising edge
of RA0. Programming continues for the duration of RA0
pulse.
At the end of programming the user can choose one of
three different routes. If RA1 is kept low and RA0 is
pulsed again, the same location will be programmed
again. This is useful for applying over programming
pulses. If RA1 is raised before RA0 falling edge, then a
verify cycle is started without address increment. Rais-
ing RA1 after RA0 goes low will increment address and
begin verify cycle on the next address.
FIGURE 2-2:
PIC17C4X PROGRAM MEMORY MAP
On chip
Program
EPROM
Configuration
Word
FOSC0
FOSC1
WDTPS0
WDTPS1
PM0
PM1
PM2*
Reserved
Reserved
Reserved
FE00
FE01
FE02
FE03
FE04
FE05
FE06
FE07
FE08
FE09
FE0F
Reserved
0000
07FF
FE00
FE0F
FFFF
*This location does not exist for PIC17C42


Similar Part No. - PIC17CXX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C42 MICROCHIP-PIC17C42 Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C42 MICROCHIP-PIC17C42 Datasheet
935Kb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C42-08/JW MICROCHIP-PIC17C42-08/JW Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C42-08/L MICROCHIP-PIC17C42-08/L Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C42-08/P MICROCHIP-PIC17C42-08/P Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
More results

Similar Description - PIC17CXX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
logo
Hynix Semiconductor
GMS77C1000 HYNIX-GMS77C1000 Datasheet
271Kb / 11P
   EPROM Programming/Verfify Specification
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com