Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT6401 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT6401
Description  P-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6401 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT6401_15 Datasheet HTML 1Page - Unisonic Technologies UT6401_15 Datasheet HTML 2Page - Unisonic Technologies UT6401_15 Datasheet HTML 3Page - Unisonic Technologies UT6401_15 Datasheet HTML 4Page - Unisonic Technologies UT6401_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT6401
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-151.D
TYPICAL CHARACTERISTICS(Cont.)
VDS=-15V
ID=-5A
5
4
3
2
1
0
0
24
6
8
10
12
Gate Charge, -QG (nC)
Gate-Charge Characteristics
TJ(Max)=150℃
TA=25℃
40
30
20
10
0
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Single Pulse Power Rating Junction-to-
Ambient


Similar Part No. - UT6401_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT6401G-AG6-R UTC-UT6401G-AG6-R Datasheet
257Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT6401L-AE3-R VBSEMI-UT6401L-AE3-R Datasheet
1Mb / 10P
   P-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
UT6401L-AG6-R UTC-UT6401L-AG6-R Datasheet
257Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT6401L-AG6-R VBSEMI-UT6401L-AG6-R Datasheet
504Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
More results

Similar Description - UT6401_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com