Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC924 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16LC924
Description  8-Bit CMOS Microcontroller with LCD Driver
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC924 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16LC924 Datasheet HTML 5Page - Microchip Technology PIC16LC924 Datasheet HTML 6Page - Microchip Technology PIC16LC924 Datasheet HTML 7Page - Microchip Technology PIC16LC924 Datasheet HTML 8Page - Microchip Technology PIC16LC924 Datasheet HTML 9Page - Microchip Technology PIC16LC924 Datasheet HTML 10Page - Microchip Technology PIC16LC924 Datasheet HTML 11Page - Microchip Technology PIC16LC924 Datasheet HTML 12Page - Microchip Technology PIC16LC924 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 189 page
background image
© 1997 Microchip Technology Inc.
DS30444E - page 9
PIC16C9XX
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC16CXXX family can be
attributed to a number of architectural features com-
monly found in RISC microprocessors. To begin with,
the PIC16CXXX uses a Harvard architecture, in which,
program and data are accessed from separate memo-
ries using separate buses. This improves bandwidth
over traditional von Neumann architecture where pro-
gram and data are fetched from the same memory
using the same bus. Separating program and data
buses further allows instructions to be sized differently
than the 8-bit wide data word. Instruction opcodes are
14-bits wide making it possible to have all single word
instructions. A 14-bit wide program memory access bus
fetches a 14-bit instruction in a single cycle. A
two-stage pipeline overlaps fetch and execution of
instructions (Example 3-1). Consequently, all instruc-
tions execute in a single cycle (500 ns @ 8 MHz) except
for program branches.
The PIC16C923 and PIC16C924 both address 4K x 14
of program memory and 176 x 8 of data memory.
The PIC16CXXX can directly or indirectly address its
register files or data memory. All special function regis-
ters, including the program counter, are mapped in the
data memory. The PIC16CXXX has an orthogonal
(symmetrical) instruction set that makes it possible to
carry out any operation on any register using any
addressing mode. This symmetrical nature and lack of
‘special optimal situations’ make programming with the
PIC16CXXX simple yet efficient, thus significantly
reducing the learning curve.
PIC16CXXX devices contain an 8-bit ALU and working
register. The ALU is a general purpose arithmetic unit.
It performs arithmetic and Boolean functions between
the data in the working register and any register file.
The ALU is 8-bits wide and capable of addition, sub-
traction, shift and logical operations. Unless otherwise
mentioned, arithmetic operations are two's comple-
ment in nature. In two-operand instructions, typically
one operand is the working register (W register). The
other operand is a file register or an immediate con-
stant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the STATUS register. The C and DC bits
operate as a borrow bit and a digit borrow out bit,
respectively, in subtraction. See the SUBLW and SUBWF
instructions for examples.


Similar Part No. - PIC16LC924

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LC925 MICROCHIP-PIC16LC925 Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16LC925-I/CL MICROCHIP-PIC16LC925-I/CL Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16LC925-I/L MICROCHIP-PIC16LC925-I/L Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16LC925-I/PT MICROCHIP-PIC16LC925-I/PT Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16LC925-S/CL MICROCHIP-PIC16LC925-S/CL Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
More results

Similar Description - PIC16LC924

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com