Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C256-15EVS Datasheet(PDF) 3 Page - Microchip Technology

Part # 27C256-15EVS
Description  256K (32K x 8) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C256-15EVS Datasheet(HTML) 3 Page - Microchip Technology

  27C256-15EVS Datasheet HTML 1Page - Microchip Technology 27C256-15EVS Datasheet HTML 2Page - Microchip Technology 27C256-15EVS Datasheet HTML 3Page - Microchip Technology 27C256-15EVS Datasheet HTML 4Page - Microchip Technology 27C256-15EVS Datasheet HTML 5Page - Microchip Technology 27C256-15EVS Datasheet HTML 6Page - Microchip Technology 27C256-15EVS Datasheet HTML 7Page - Microchip Technology 27C256-15EVS Datasheet HTML 8Page - Microchip Technology 27C256-15EVS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11001L-page 3
27C256
TABLE 1-3:
READ OPERATION AC CHARACTERISTICS
FIGURE 1-1:
READ WAVEFORMS
AC Testing Waveform:
VIH = 2.4V and VIL = 0.45V; VOH = 2.0V VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise and Fall Times: 10 ns
Ambient Temperature:
Commercial:
Tamb =
0˚C to +70˚C
Industrial:
Tamb = -40˚C to +85˚C
Automotive:
Tamb = -40
°C to +125°C
Parameter
Sym
27C256-90* 27C256-10* 27C256-12 27C256-15 27C256-20
Units
Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Address to Output
Delay
tACC
90
100
120
150
200
ns
CE=OE =VIL
CE to Output Delay
tCE
90
100
120
150
200
ns
OE = VIL
OE to Output Delay
tOE
40
45
55
65
75
ns
CE = VIL
CE or OE to O/P
High Impedance
tOFF
0
30
0
30
0
35
0
50
0
55
ns
Output Hold from
Address CE or OE,
whichever goes first
tOH
0
0
0—
0—
0—
ns
* -10, -90 AC Testing Waveform: VIH = 2.4V and VIL = .45V; VOH = 1.5V and VOL = 1.5V
Output Load: 1 TTL Load + 30pF
Address
CE
VIH
VIL
VIH
VIL
VIH
VIL
OE
Outputs
O0 - O7
VOH
VOL
Address Valid
tCE(2)
tOE(2)
High Z
Valid Output
tACC
(1) tOFF is specified for OE or CE, whichever occurs first
(2) OE may be delayed up to t CE - t OE after the falling edge of CE without impact on tCE
(3) This parameter is sampled and is not 100% tested.
High Z
tOH
tOFF(1,3)
Notes:


Similar Part No. - 27C256-15EVS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256-15E/L MICROCHIP-27C256-15E/L Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-15E/P MICROCHIP-27C256-15E/P Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-15E/SO MICROCHIP-27C256-15E/SO Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
More results

Similar Description - 27C256-15EVS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com