Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16CE623 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16CE623
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16CE623 Datasheet HTML 7Page - Microchip Technology PIC16CE623 Datasheet HTML 8Page - Microchip Technology PIC16CE623 Datasheet HTML 9Page - Microchip Technology PIC16CE623 Datasheet HTML 10Page - Microchip Technology PIC16CE623 Datasheet HTML 11Page - Microchip Technology PIC16CE623 Datasheet HTML 12Page - Microchip Technology PIC16CE623 Datasheet HTML 13Page - Microchip Technology PIC16CE623 Datasheet HTML 14Page - Microchip Technology PIC16CE623 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 11
PIC16CE62X
4.0
MEMORY ORGANIZATION
4.1
Program Memory Organization
The PIC16CE62X has a 13-bit program counter capa-
ble of addressing an 8K x 14 program memory space.
Only the first 512 x 14 (0000h - 01FFh) for the
PIC16CE623, 1K x 14 (0000h - 03FFh) for the
PIC16CE624 and 2K x 14 (0000h - 07FFh) for the
PIC16CE625 are physically implemented. Accessing a
location
above
these
boundaries
will
cause
a
wrap-around
within
the
first
512
x
14
space
(PIC16CE623) or 1K x 14 space (PIC16CE624) or 2K
x 14 space (PIC16CE625). The reset vector is at 0000h
and the interrupt vector is at 0004h (Figure 4-1,
Figure 4-2, Figure 4-3).
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16CE623
PC<12:0>
13
000h
0004
0005
01FFh
0200h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
FIGURE 4-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16CE624
FIGURE 4-3:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16CE625
PC<12:0>
13
000h
0004
0005
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
PC<12:0>
13
000h
0004
0005
07FFh
0800h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
62X.bk Page 11 Tuesday, March 10, 1998 3:40 PM


Similar Part No. - PIC16CE623

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CE623 MICROCHIP-PIC16CE623 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
More results

Similar Description - PIC16CE623

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
logo
Holtek Semiconductor In...
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
National Semiconductor ...
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
STMicroelectronics
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com