Electronic Components Datasheet Search |
|
X28HC256PIZ-15 Datasheet(PDF) 2 Page - Intersil Corporation |
|
X28HC256PIZ-15 Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 19 page X28HC256 2 FN8108.5 August 27, 2015 Submit Document Feedback Ordering Information PART NUMBER (Note 4)PART MARKING ACCESS TIME (ns) TEMP. RANGE (°C) PACKAGE PKG. DWG. # X28HC256JZ-15 (Notes 1, 3) X28HC256J-15 ZHY 150 0 to +70 32 Ld PLCC (RoHS Compliant) N32.45x55 X28HC256JI-15 (Note 1) X28HC256JI-15 HY 150 -40 to +85 32 Ld PLCC N32.45x55 X28HC256JIZ-15 (Notes 1, 3) X28HC256JI-15 ZHY 150 -40 to +85 32 Ld PLCC (RoHS Compliant) N32.45x55 X28HC256PZ-15 (Notes 2, 3) X28HC256P-15 HYZ 150 0 to +70 28 Ld PDIP (RoHS Compliant) E28.6 X28HC256PIZ-15 (Notes 2, 3) X28HC256PI-15 HYZ 150 -40 to +85 28 Ld PDIP (RoHS Compliant) E28.6 X28HC256JZ-12 (Notes 1, 3) X28HC256J-12 ZHY 120 0 to +70 32 Ld PLCC (RoHS Compliant) N32.45x55 X28HC256JI-12 (Note 1) X28HC256JI-12 HY 120 -40 to +85 32 Ld PLCC N32.45x55 X28HC256JIZ-12 (Notes 1, 3) X28HC256JI-12 ZHY 120 -40 to +85 32 Ld PLCC (RoHS Compliant) N32.45x55 X28HC256PZ-12 (Notes 2, 3) X28HC256P-12 HYZ 120 0 to +70 28 Ld PDIP (RoHS Compliant) E28.6 X28HC256PIZ-12 (Notes 2, 3) X28HC256PI-12 HYZ 120 -40 to +85 28 Ld PDIP (RoHS Compliant) E28.6 X28HC256SZ-12 (Note 3) X28HC256S-12 HYZ 120 0 to +70 28 Ld SOIC (300mils RoHS Compliant) MDP0027 X28HC256SI-12 X28HC256SI-12 HY 120 -40 to +85 28 Ld SOIC (300mils) M28.3 X28HC256SIZ-12 (Note 3) X28HC256SI-12 HYZ 120 -40 to +85 28 Ld SOIC (300mils RoHS Compliant) MDP0027 X28HC256JZ-90 (Notes 1, 3) X28HC256J-90 ZHY 90 0 to +70 32 Ld PLCC (RoHS Compliant) N32.45x55 X28HC256JI-90 (Note 1) X28HC256JI-90 HY 90 -40 to +85 32 Ld PLCC N32.45x55 X28HC256JIZ-90 (Notes 1, 3) X28HC256JI-90 ZHY 90 -40 to +85 32 Ld PLCC (RoHS Compliant) N32.45x55 X28HC256PZ-90 (Notes 2, 3) X28HC256P-90 HYZ 90 0 to +70 28 Ld PDIP (RoHS Compliant) E28.6 X28HC256PIZ-90 (Notes 2, 3) X28HC256PI-90 HYZ 90 -40 to +85 28 Ld PDIP (RoHS Compliant) E28.6 X28HC256SI-90 X28HC256SI-90 HY 90 -40 to +85 28 Ld SOIC (300mils) M28.3 X28HC256SIZ-90 (Note 3) X28HC256SI-90 HYZ 90 -40 to +85 28 Ld SOIC (300mils RoHS Compliant) MDP0027 NOTES: 1. Add “T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. For Moisture Sensitivity Level (MSL), please see product information page for X28HC256. For more information on MSL, please see tech brief TB363. |
Similar Part No. - X28HC256PIZ-15 |
|
Similar Description - X28HC256PIZ-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |