Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256JIZ-15 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X28HC256JIZ-15
Description  256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256JIZ-15 Datasheet(HTML) 2 Page - Intersil Corporation

  X28HC256JIZ-15 Datasheet HTML 1Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 2Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 3Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 4Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 5Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 6Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 7Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 8Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X28HC256
2
FN8108.5
August 27, 2015
Submit Document Feedback
Ordering Information
PART NUMBER
(Note 4)PART MARKING
ACCESS TIME
(ns)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
X28HC256JZ-15 (Notes 1, 3)
X28HC256J-15 ZHY
150
0 to +70
32 Ld PLCC (RoHS Compliant)
N32.45x55
X28HC256JI-15 (Note 1)
X28HC256JI-15 HY
150
-40 to +85
32 Ld PLCC
N32.45x55
X28HC256JIZ-15
(Notes 1, 3)
X28HC256JI-15 ZHY
150
-40 to +85
32 Ld PLCC (RoHS Compliant)
N32.45x55
X28HC256PZ-15
(Notes 2, 3)
X28HC256P-15 HYZ
150
0 to +70
28 Ld PDIP (RoHS Compliant)
E28.6
X28HC256PIZ-15
(Notes 2, 3)
X28HC256PI-15 HYZ
150
-40 to +85
28 Ld PDIP (RoHS Compliant)
E28.6
X28HC256JZ-12 (Notes 1, 3)
X28HC256J-12 ZHY
120
0 to +70
32 Ld PLCC (RoHS Compliant)
N32.45x55
X28HC256JI-12 (Note 1)
X28HC256JI-12 HY
120
-40 to +85
32 Ld PLCC
N32.45x55
X28HC256JIZ-12
(Notes 1, 3)
X28HC256JI-12 ZHY
120
-40 to +85
32 Ld PLCC (RoHS Compliant)
N32.45x55
X28HC256PZ-12
(Notes 2, 3)
X28HC256P-12 HYZ
120
0 to +70
28 Ld PDIP (RoHS Compliant)
E28.6
X28HC256PIZ-12
(Notes 2, 3)
X28HC256PI-12 HYZ
120
-40 to +85
28 Ld PDIP (RoHS Compliant)
E28.6
X28HC256SZ-12 (Note 3)
X28HC256S-12 HYZ
120
0 to +70
28 Ld SOIC (300mils RoHS Compliant)
MDP0027
X28HC256SI-12
X28HC256SI-12 HY
120
-40 to +85
28 Ld SOIC (300mils)
M28.3
X28HC256SIZ-12 (Note 3)
X28HC256SI-12 HYZ
120
-40 to +85
28 Ld SOIC (300mils RoHS Compliant)
MDP0027
X28HC256JZ-90 (Notes 1, 3)
X28HC256J-90 ZHY
90
0 to +70
32 Ld PLCC (RoHS Compliant)
N32.45x55
X28HC256JI-90 (Note 1)
X28HC256JI-90 HY
90
-40 to +85
32 Ld PLCC
N32.45x55
X28HC256JIZ-90
(Notes 1, 3)
X28HC256JI-90 ZHY
90
-40 to +85
32 Ld PLCC (RoHS Compliant)
N32.45x55
X28HC256PZ-90
(Notes 2, 3)
X28HC256P-90 HYZ
90
0 to +70
28 Ld PDIP (RoHS Compliant)
E28.6
X28HC256PIZ-90 (Notes 2, 3) X28HC256PI-90 HYZ
90
-40 to +85
28 Ld PDIP (RoHS Compliant)
E28.6
X28HC256SI-90
X28HC256SI-90 HY
90
-40 to +85
28 Ld SOIC (300mils)
M28.3
X28HC256SIZ-90 (Note 3)
X28HC256SI-90 HYZ
90
-40 to +85
28 Ld SOIC (300mils RoHS Compliant)
MDP0027
NOTES:
1. Add “T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see product information page for X28HC256. For more information on MSL, please see tech brief TB363.


Similar Part No. - X28HC256JIZ-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256JIZ-15 INTERSIL-X28HC256JIZ-15 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256JIZ-15 INTERSIL-X28HC256JIZ-15 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC256JIZ-15 RENESAS-X28HC256JIZ-15 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256JIZ-15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com