Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256JIZ-15 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28HC256JIZ-15
Description  256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256JIZ-15 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28HC256JIZ-15 Datasheet HTML 6Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 7Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 8Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 9Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 10Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 11Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 12Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 13Page - Intersil Corporation X28HC256JIZ-15 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
X28HC256
10
FN8108.5
August 27, 2015
Submit Document Feedback
Device Operation
Read
Read operations are initiated by both OE and CE LOW. The read
operation is terminated by either CE or OE returning HIGH. This
two line control architecture eliminates bus contention in a
system environment. The data bus will be in a high impedance
state when either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE are LOW and
OE is HIGH. The X28HC256 supports both a CE and WE controlled
write cycle. That is, the address is latched by the falling edge of
either CE or WE, whichever occurs last. Similarly, the data is
latched internally by the rising edge of either CE or WE, whichever
occurs first. A byte write operation, once initiated, will
automatically continue to completion, typically within 3ms.
Page Write Operation
The page write feature of the X28HC256 allows the entire
memory to be written in typically 0.8 seconds. The page write
allows up to 128 bytes of data to be consecutively written to the
X28HC256, prior to the commencement of the internal
programming cycle. The host can fetch data from another device
within the system during a page write operation (change the
source address), but the page address (A7 through A14) for each
subsequent valid write cycle to the part during this operation
must be the same as the initial page address.
The page write mode can be initiated during any write operation.
Following the initial byte write cycle, the host can write an
additional one to 127 bytes in the same manner as the first byte
was written. Each successive byte load cycle, started by the WE
high-to-low transition, must begin within 100µs of the falling
edge of the preceding WE. If a subsequent WE high-to-low
transition is not detected within 100µs, the internal automatic
programming cycle will commence. There is no page write
window limitation. Effectively the page write window is infinitely
wide, so long as the host continues to access the device within
the byte load cycle time of 100µs.
Write Operation Status Bits
The X28HC256 provides the user two write operation status bits.
These can be used to optimize a system write cycle time. The
status bits are mapped onto the I/O bus as shown in Figure 7.
DATA Polling (I/O7)
The X28HC256 features DATA polling as a method to indicate to the
host system that the byte write or page write cycle has completed.
DATA polling allows a simple bit test operation to determine the
status of the X28HC256. This eliminates additional interrupt inputs
or external hardware. During the internal programming cycle, any
attempt to read the last byte written will produce the complement of
that data on I/O7 (i.e., write data = 0xxx xxxx, read data = 1xxx xxxx).
Once the programming cycle is complete, I/O7 will reflect true data.
Toggle Bit (I/O6)
The X28HC256 also provides another method for determining
when the internal write cycle is complete. During the internal
programming cycle I/O6 will toggle from high-to-low and high-to-
low on subsequent attempts to read the device. When the
internal cycle is complete the toggling will cease and the device
will be accessible for additional read and write operations.
DATA Polling I/O
DATA polling can effectively halve the time for writing to the
X28HC256. The timing diagram in Figure 8 on page 11
illustrates the sequence of events on the bus. The software flow
diagram in Figure 9 on page 11 illustrates one method of
implementing the routine.
The Toggle Bit I/O
The toggle bit can eliminate the chore of saving and fetching the
last address and data in order to implement DATA polling. This
can be especially helpful in an array comprised of multiple
X28HC256 memories that is frequently updated. The timing
diagram in Figure 10 on page 12 illustrates the sequence of
events on the bus. The software flow diagram in Figure 11 on
page 12 illustrates a method for polling the toggle bit.
Hardware Data Protection
The X28HC256 provides two hardware features that protects
nonvolatile data from inadvertent writes.
•Default VCC Sense — All write functions are inhibited when VCC
is 3.5V typically.
• Write Inhibit — Holding either OE low, WE high, or CE high will
prevent an inadvertent write cycle during power-up and
power-down, maintaining data integrity.
5
TB
DP
43
21
0
I/O
RESERVED
TOGGLE BIT
DATA POLLING
FIGURE 7. STATUS BIT ASSIGNMENT


Similar Part No. - X28HC256JIZ-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256JIZ-15 INTERSIL-X28HC256JIZ-15 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256JIZ-15 INTERSIL-X28HC256JIZ-15 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC256JIZ-15 RENESAS-X28HC256JIZ-15 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256JIZ-15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com