Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84684IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84684IRZ
Description  Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84684IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84684IRZ Datasheet HTML 1Page - Intersil Corporation ISL84684IRZ Datasheet HTML 2Page - Intersil Corporation ISL84684IRZ Datasheet HTML 3Page - Intersil Corporation ISL84684IRZ Datasheet HTML 4Page - Intersil Corporation ISL84684IRZ Datasheet HTML 5Page - Intersil Corporation ISL84684IRZ Datasheet HTML 6Page - Intersil Corporation ISL84684IRZ Datasheet HTML 7Page - Intersil Corporation ISL84684IRZ Datasheet HTML 8Page - Intersil Corporation ISL84684IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6088.5
July 31, 2007
Pinout (Note 1)
ISL84684
(10 LD TDFN, MSOP)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
Truth Table
LOGIC
PIN NC1 and NC2
PIN NO1 and NO2
0ON
OFF
1OFF
ON
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +3.6V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
V+
NO1
COM1
IN1
NC1
NO2
COM2
IN2
NC2
GND
1
2
3
4
5
10
9
8
7
6
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG.
#
ISL84684IIZ-T*
684Z
-40 to +85
10 Ball WLCSP W4x3.10A
ISL84684IR
684
-40 to +85
10 Ld 3x3 TDFN L10.3x3A
ISL84684IR-T*
684
-40 to +85
10 Ld 3x3 TDFN
Tape and Reel
L10.3x3A
ISL84684IU
4684
-40 to +85
10 Ld MSOP
M10.118
ISL84684IU-T*
4684
-40 to +85
10 Ld MSOP
Tape and Reel
M10.118
ISL84684IRZ
(Note)
684Z
-40 to +85
10 Ld 3x3 TDFN
(Pb-free)
L10.3x3A
ISL84684IRZ-T*
(Note)
684Z
-40 to +85
10 Ld 3x3 TDFN
Tape and Reel
(Pb-free)
L10.3x3A
ISL84684IUZ
(Note)
4684Z
-40 to +85
10 Ld MSOP
(Pb-free)
M10.118
ISL84684IUZ-T*
(Note)
4684Z
-40 to +85
10 Ld MSOP
Tape and Reel
(Pb-free)
M10.118
*Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
ISL84684


Similar Part No. - ISL84684IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684IRZ INTERSIL-ISL84684IRZ Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IRZ INTERSIL-ISL84684IRZ Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL84684IRZ RENESAS-ISL84684IRZ Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84684IRZ-T INTERSIL-ISL84684IRZ-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IRZ-T INTERSIL-ISL84684IRZ-T Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL84684IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL84762 RENESAS-ISL84762 Datasheet
611Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com