Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84684IU Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL84684IU
Description  Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84684IU Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL84684IU Datasheet HTML 2Page - Intersil Corporation ISL84684IU Datasheet HTML 3Page - Intersil Corporation ISL84684IU Datasheet HTML 4Page - Intersil Corporation ISL84684IU Datasheet HTML 5Page - Intersil Corporation ISL84684IU Datasheet HTML 6Page - Intersil Corporation ISL84684IU Datasheet HTML 7Page - Intersil Corporation ISL84684IU Datasheet HTML 8Page - Intersil Corporation ISL84684IU Datasheet HTML 9Page - Intersil Corporation ISL84684IU Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6088.5
July 31, 2007
Detailed Description
The ISL84684 is a bidirectional, dual single pole/double
throw (SPDT) analog switch that offers precise switching
capability from a single 1.65V to 3.6V supply with low
ON-resistance (0.35
Ω) and high speed operation
(tON =50ns, tOFF = 27ns). The device is especially well
suited for portable battery powered equipment due to its low
operating supply voltage (1.65V), low power consumption
(2.7µW max), low leakage currents (60nA max), and its tiny
TDFN and MSOP packages. The ultra low ON-resistance and
rON flatness provide very low insertion loss and distortion to
applications that require signal reproduction.
External V+ Series Resistor
For improved ESD and latch-up immunity, Intersil
recommends adding a 100
Ω resistor in series with the V+
power supply pin of the ISL84684 IC (see Figure 8).
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO or NC
COM
IN
GND
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
V+
C
0V or V+
NO or NC
COM
IN
GND
VNX
V1
rON = V1/100mA
100mA
Repeat test for all switches.
0V or V+
ANALYZER
V+
C
NO or NC
SIGNAL
GENERATOR
RL
GND
IN1
COM
50
Ω
NC
COM
NC or NO
Signal direction through switch is reversed; worst case values
are recorded. Repeat test for all switches.
V+
C
GND
NO or NC
COM
IN
IMPEDANCE
ANALYZER
0V or V+
Repeat test for all switches.
FIGURE 8. V+ SERIES RESISTOR FOR ENHANCED ESD AND
LATCH-UP IMMUNITY
IN
COM
100
Ω
NO
NC
V+
GND
C
OPTIONAL
PROTECTION
RESISTOR
ISL84684


Similar Part No. - ISL84684IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684IU INTERSIL-ISL84684IU Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IU INTERSIL-ISL84684IU Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL84684IU RENESAS-ISL84684IU Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84684IU-T INTERSIL-ISL84684IU-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IU-T INTERSIL-ISL84684IU-T Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL84684IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL84762 RENESAS-ISL84762 Datasheet
611Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com