Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83699IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL83699IRZ
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83699IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL83699IRZ Datasheet HTML 1Page - Intersil Corporation ISL83699IRZ Datasheet HTML 2Page - Intersil Corporation ISL83699IRZ Datasheet HTML 3Page - Intersil Corporation ISL83699IRZ Datasheet HTML 4Page - Intersil Corporation ISL83699IRZ Datasheet HTML 5Page - Intersil Corporation ISL83699IRZ Datasheet HTML 6Page - Intersil Corporation ISL83699IRZ Datasheet HTML 7Page - Intersil Corporation ISL83699IRZ Datasheet HTML 8Page - Intersil Corporation ISL83699IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6094.3
November 5, 2004
Pinouts (Note 1)
ISL83699 (TSSOP)
TOP VIEW
ISL83699 (3x3 QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
Truth Table
LOGIC
NC SW
NO SW
0ON
OFF
1OFF
ON
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +3.6V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NO1
COM1
NC1
IN1-2
NO2
COM2
GND
NC2
V+
COM4
NO4
IN3-4
NC3
COM3
NO3
NC4
NC1
IN1-2
NO2
COM2
COM4
NO4
IN3-4
NC3
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL83699IR
(83699IR)
-40 to 85
16 Ld 3x3 QFN
L16.3x3
ISL83699IR-T
(83699IR)
-40 to 85
16 Ld 3x3 QFN
Tape and Reel
L16.3x3
ISL83699IV
(83699IV)
-40 to 85
16 Ld TSSO
P
M16.173
ISL83699IV-T
(83699IV)
-40 to 85
16 Ld TSSOP
Tape and Reel
M16.173
ISL83699IRZ
(83699IR)
(See Note)
-40 to 85
16 Ld 3x3 QFN
(Pb-free)
L16.3x3
ISL83699IRZ-T
(83699IR)
(See Note)
-40 to 85
16 Ld 3x3 QFN
Tape and Reel
(Pb-free)
L16.3x3
ISL83699IVZ
(83699IV)
(See Note)
-40 to 85
16 Ld TSSO
P
(Pb-free)
M16.173
ISL83699IVZ-T
(83699IV)
(See Note)
-40 to 85
16 Ld TSSO
P
Tape and Reel
(Pb-free)
M16.173
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
ISL83699


Similar Part No. - ISL83699IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83699IRZ INTERSIL-ISL83699IRZ Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL83699IRZ RENESAS-ISL83699IRZ Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IRZ-T INTERSIL-ISL83699IRZ-T Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL83699IRZ-T RENESAS-ISL83699IRZ-T Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL83699IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
logo
Intersil Corporation
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com