Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43640IRZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43640IRZ-T
Description  Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43640IRZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43640IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL43640IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6043.3
January 23, 2006
Pinouts (Note 1)
ISL43640 (MSOP)
TOP VIEW
ISL43640 (QFN)
TOP VIEW
NO2
NO3
NO1
INH
GND
V+
COM
NO0
ADD1
ADD2
1
2
3
4
5
10
9
8
7
6
LOGIC
NOTE:
1. Switches Shown for Logic “0” Inputs.
1
3
4
15
N.C.
N.C.
N.C.
NO2
16
14
13
2
12
10
9
11
6
57
8
ADD2
N.C.
N.C.
N.C.
Truth Table
ISL43640
INH
ADD2
ADD1
SWITCH ON
1X
X
NONE
00
0NO0
00
1NO1
01
0NO2
01
1NO3
NOTE: Logic “0”
≤0.8V. Logic “1” ≥2.4V, with VS between 3.3V and
11V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2V to +12V)
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
ADD
Address Input Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL43640IU
3640
-40 to 85 10 Ld MSOP M10.118
ISL43640IU-T
3640
-40 to 85 10 Ld MSOP
Tape & Reel
M10.118
ISL43640IUZ
(Note)
3640Z
-40 to 85 10 Ld MSOP
Pb-free)
M10.118
ISL43640IUZ-T
(Note)
3640Z
-40 to 85 10 Ld MSOP
Tape & Reel
(Pb-free)
M10.118
ISL43640IR
640I
-40 to 85 16 Ld QFN
L16.3X3
ISL43640IR-T
640I
-40 to 85 16 Ld QFN
Tape & Reel
L16.3X3
ISL43640IRZ
(Note)
640Z
-40 to 85 16 Ld QFN
(Pb-free)
L16.3X3
ISL43640IRZ-T
(Note)
640Z
-40 to 85 16 Ld QFN
Tape & Reel
(Pb-free)
L16.3X3
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL43640


Similar Part No. - ISL43640IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640IRZ-T INTERSIL-ISL43640IRZ-T Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640IRZ-T RENESAS-ISL43640IRZ-T Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
More results

Similar Description - ISL43640IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640 Datasheet
428Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com