Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54210IRTZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54210IRTZ
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54210IRTZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54210IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54210IRTZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN6661.2
March 18, 2010
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite logic
sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2. AUDIO rON TEST CIRCUIT
FIGURE 3. USB rON TEST CIRCUIT
FIGURE 4. CAPACITANCE TEST CIRCUIT
FIGURE 5. AUDIO CROSSTALK TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
VBUSH
0V
VINPUT
VBUSL
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
VBUS
VOUT
RL
CL
COMx
AUDIO OR USB
VBUS
50W
10pF
GND
VDD
C
CTRL
VINPUT
VDD
C
VBUSL
L OR R
COMx
VBUS
GND
VL OR R
V1
rON = V1/40mA
40mA
REPEAT TEST FOR ALL SWITCHES
CTRL
VDD
C
VBUSH
D- OR D+
COMx
VBUS
GND
VD- OR D+
V1
rON = V1 / Icom
ICOM
REPEAT TEST FOR ALL SWITCHES
CTRL
VDD
C
GND
AUDIO OR USB
COMx
VBUS
IMPEDANCE
ANALYZER
VBUSL OR
REPEAT TEST FOR ALL SWITCHES
CTRL
VBUSH
0V OR FLOAT
ANALYZER
VDD
C
L OR R
SIGNAL
GENERATOR
RL
GND
VBUS
COMx
32
Ω
NC
COMx
R OR L
REPEAT TEST FOR ALL SWITCHES
CTRL
ISL54210


Similar Part No. - ISL54210IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210IRTZ RENESAS-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54210IRTZ-T INTERSIL-ISL54210IRTZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210IRTZ-T RENESAS-ISL54210IRTZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Similar Description - ISL54210IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com