Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43140IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43140IRZ
Description  Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43140IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43140IRZ Datasheet HTML 1Page - Intersil Corporation ISL43140IRZ Datasheet HTML 2Page - Intersil Corporation ISL43140IRZ Datasheet HTML 3Page - Intersil Corporation ISL43140IRZ Datasheet HTML 4Page - Intersil Corporation ISL43140IRZ Datasheet HTML 5Page - Intersil Corporation ISL43140IRZ Datasheet HTML 6Page - Intersil Corporation ISL43140IRZ Datasheet HTML 7Page - Intersil Corporation ISL43140IRZ Datasheet HTML 8Page - Intersil Corporation ISL43140IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Pinouts (Note 1)
ISL43140 (SOIC, TSSOP)
TOP VIEW
ISL43140 (QFN)
TOP VIEW
ISL43141 (SOIC, TSSOP)
TOP VIEW
ISL43141 (QFN)
TOP VIEW
ISL43142 (SOIC, TSSOP)
TOP VIEW
ISL43142 (QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NC1
V-
GND
NC4
IN4
COM4
IN2
NC2
V+
N.C.
NC3
COM3
IN3
COM2
1
3
4
15
NC1
V-
GND
NC4
16
14
13
2
12
10
9
11
6
57
8
NC2
V+
N.C.
NC3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NO2
V+
N.C.
NO3
COM3
IN3
COM2
1
3
4
15
NO1
V-
GND
NO4
16
14
13
2
12
10
9
11
6
57
8
NO2
V+
N.C.
NO3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NC2
V+
N.C.
NC3
COM3
IN3
COM2
NO
LO
NG
ER
AV
AI
LA
BL
E O
R
SU
PP
OR
TE
D
1
3
4
15
NO1
V-
GND
NO4
16
14
13
2
12
10
9
11
6
57
8
NC2
V+
N.C.
NC3
NO
LO
NG
ER
AV
AI
LA
BL
E O
R
SU
PP
OR
TE
D
ISL43140, ISL43141, ISL43142


Similar Part No. - ISL43140IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140IRZ INTERSIL-ISL43140IRZ Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43140IRZ RENESAS-ISL43140IRZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

Similar Description - ISL43140IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com