Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43120IHZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL43120IHZ-T
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43120IHZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43120IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43120IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL43120, ISL43121, ISL43122
5
FN6033.6
August 17, 2015
Submit Document Feedback
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
µA
Electrical Specifications - 12V Supply V+ = +10.8V to +13V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 8), unless otherwise
specified. Boldface limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
MAX
(Notes 9, 10)UNIT
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-resistance, rON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 10V
25
-
11
20
Ω
Full
-
15
25
Ω
rON Matching Between Channels, rON V+ = 12V, ICOM = 1.0mA, VNO or VNC = 10V
25
-
0.8
2
Ω
Full
-
1
4
Ω
rON Flatness, rFLAT(ON)
V+ = 12V, ICOM = 1.0mA, VNO or VNC = 3V, 6V, 9V
25
-
1
4
Ω
Full
-
-
6
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13V, VCOM = 1V, 12V, VNO or VNC = 12V, 1V
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current, ICOM(OFF) V+ = 13V, VCOM = 12V, 1V, VNO or VNC = 1V, 12V
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM ON Leakage Current, ICOM(ON)
V
 = 13V, VCOM = 1V, 12V, or VNO or VNC = 1V, 12V, or
floating
25
-0.2
-
0.2
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 10V, RL = 1kΩ, CL = 35pF, VIN = 0V to 4V
(Note 11)
25
-
25
35
ns
Full
-
35
55
ns
Turn-OFF Time, tOFF
VNO or VNC = 10V, RL = 1kΩ, CL = 35pF, VIN = 0V to 4V
(Note 11)
25
-
17
30
ns
Full
-
26
50
ns
Break-before-make Time Delay
(ISL43122 only), tD
RL = 300Ω, CL = 35pF, VNO or VNC = 10V,
VIN = 0 to 4V
Full
0
2ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0(Note 11)25
-
5
15
pC
OFF-isolation
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
76
-
dB
Crosstalk (Channel-to-channel)
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
-105
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
63
-
dB
NO or NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM OFF Capacitance, CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V (see Figure 7)25
-
21
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 13V, VIN = 0V or V+, all channels on or off
Full
-1
-
1
µA
Electrical Specifications - 3.3V Supply V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 8), unless otherwise
specified. Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)TYP
MAX
(Notes 9, 10)UNIT


Similar Part No. - ISL43120IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43120IHZ-T RENESAS-ISL43120IHZ-T Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL43120IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com