Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP50214BVI Datasheet(PDF) 7 Page - Intersil Corporation

Part # HSP50214BVI
Description  Programmable Downconverter
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214BVI Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HSP50214BVI Datasheet HTML 3Page - Intersil Corporation HSP50214BVI Datasheet HTML 4Page - Intersil Corporation HSP50214BVI Datasheet HTML 5Page - Intersil Corporation HSP50214BVI Datasheet HTML 6Page - Intersil Corporation HSP50214BVI Datasheet HTML 7Page - Intersil Corporation HSP50214BVI Datasheet HTML 8Page - Intersil Corporation HSP50214BVI Datasheet HTML 9Page - Intersil Corporation HSP50214BVI Datasheet HTML 10Page - Intersil Corporation HSP50214BVI Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
7
FN4450.4
May 1, 2007
Functional Description
The HSP50214B Programmable Downconverter (PDC) is an
agile digital tuner designed to meet the requirements of a
wide variety of communications industry standards. The
PDC contains the processing functions needed to convert
sampled IF signals to baseband digital samples. These
functions include LO generation/mixing, decimation filtering,
programmable FIR shaping/bandlimiting filtering,
resampling, Automatic Gain Control (AGC), frequency
discrimination and detection as well as multi-chip
synchronization. The HSP50214B interfaces directly with a
DSP microprocessor to pass baseband and status data.
A top level functional block diagram of the HSP50214B is
shown in Figure 1. The diagram shows the major blocks and
multiplexers used to reconfigure the data path for various
architectures. The HSP50214B can be broken into 13
sections: Synchronization, Input, Input Level Detector,
Carrier Mixer/Numerically Control Oscillator (NCO), CIC
Decimating Filter, Halfband Decimating Filter, 255-Tap
Programmable FIR Filter, Automatic Gain Control (AGC),
Re-sampler/Halfband Filter, Timing NCO, Cartesian to Polar
Converter, Discriminator, and Output Sections. All of these
sections are configured through a microprocessor interface.
The HSP50214B has three clock inputs; two are required and
one is optional. The input level detector, carrier NCO, and CIC
decimating filter sections operate on the rising edge of the
input clock, CLKIN. The halfband filter, programmable FIR
filter, AGC, Re-Sampler/Halfband filters, timing NCO,
discriminator, and output sections operate on the rising edge
of PROCCLK. The third clock, REFCLK, is used to generate
timing error information.
NOTE: All of the clocks may be asynchronous.
PDC Applications Overview
This section highlights the motivation behind the key
programmable features from a communications system level
perspective. These motivations will be defined in terms of ability
to provide DSP processing capability for specific modulation
formats and communication applications. The versatility of the
Programmable Downconverter can be intimidating because of
the many Control Words required for chip configuration. This
section provides system level insight to help allay reservations
about this versatile DSP product. It should help the designer
capitalize on the greatest feature of the PDC - VERSATILITY
THROUGH PROGRAMMABILITY. It is this feature, when fully
understood, that brings the greatest return on design
investment by offering a single receiver design that can process
the many waveforms required in the communications
marketplace.
FDM Based Standards and Applications
Table 1 provides an overview of some common frequency
division multiplex (FDM) base station applications to which the
PDC can be applied. The PDC provides excellent selectivity
for frequency division multiple access (FDMA) signals. This
high selectivity is achieved with 0.012Hz resolution frequency
control of the NCO and the sharp filter responses capable with
a 255-tap, 22-bit coefficient FIR filter. The 16-bit resolution out
of the Cartesian to Polar Coordinate Converter are routed to
the frequency detector, which is followed by a 63-tap, 22-bit
coefficient FIR filter structure for facilitating FM and FSK
detection. The 14-bit input resolution is the smallest bit
resolution found throughout the conversion and filtering
sections, providing excellent dynamic range in the DSP
processing. A unique input gain scaler adds an additional
42dB of range to the input level variation, to compensate for
changes in the analog RF front end receive equipment.
Synchronization circuitry allows precise timing control of the
base station reconfiguration for all receive channels
simultaneously. Portions of this table were corroborated with
reference [2].
TDM Based Standards and Applications
Table 2 provides an overview of some common Time Division
Multiplexed (TDM) base station applications to which the PDC
can be applied. For time division multiple access (TDMA)
applications, such as North American TDMA (IS136), where
30kHz is the received band of interest for the PCS
basestation, the PDC offers 0.012Hz frequency resolution in
downconversion in addition to
α = 0.35 matched
(programmable) filtering capability. The
π/4 DPSK modulation
can be processed using the PDC Cartesian to Polar
coordinate converter and d
φ/dt detector circuitry or by
processing the I/Q samples in the DSP
μP. The PDC provides
TABLE 1. CELLULAR PHONE BASE STATION
APPLICATIONS USING FDMA
STANDARD
AMPS
(IS-91)
MCS-L1
MCS-L2
NMT-400
NMT-900
C450
ETACS
NTACS
RX BAND
(MHz)
824-849
925-940
453-458
890-915
451-456
871-904
915-925
CHANNEL
BW (kHz)
30
25.0
12.5
25
12.5
20.0
10.0
25.0
12.5
# TRAFFIC
CHANNELS
832
600
1200
200
1999
222
444
1240
800
VOICE
MODULA-
TION
FM
FM
FM
FM
FM
PEAK
DEVIATION
(kHz)
12
5
5
4
9.5
CONTROL
MODULA-
TION
FSK
FSK
FSK
FSK
FSK
PEAK
DEVIATION
(kHz)
8
4.5
3.5
2.5
6.4
CONTROL
CHANNEL
RATE
(Kbps)
10
0.3
1.2
5.3
8
HSP50214B


Similar Part No. - HSP50214BVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214BVI INTERSIL-HSP50214BVI Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50214BVI INTERSIL-HSP50214BVI Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214BVI RENESAS-HSP50214BVI Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214BVIZ INTERSIL-HSP50214BVIZ Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214BVIZ RENESAS-HSP50214BVIZ Datasheet
2Mb / 62P
   Programmable Downconverter
More results

Similar Description - HSP50214BVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
   Programmable Downconverter
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com