Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8688001XA Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962-8688001XA
Description  CMOS ARINC Bus Interface Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-8688001XA Datasheet(HTML) 3 Page - Intersil Corporation

  5962-8688001XA Datasheet HTML 1Page - Intersil Corporation 5962-8688001XA Datasheet HTML 2Page - Intersil Corporation 5962-8688001XA Datasheet HTML 3Page - Intersil Corporation 5962-8688001XA Datasheet HTML 4Page - Intersil Corporation 5962-8688001XA Datasheet HTML 5Page - Intersil Corporation 5962-8688001XA Datasheet HTML 6Page - Intersil Corporation 5962-8688001XA Datasheet HTML 7Page - Intersil Corporation 5962-8688001XA Datasheet HTML 8Page - Intersil Corporation 5962-8688001XA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
185
Pin Description
PIN
SYMBOL
SECTION
DESCRIPTION
1VCC
Recs/Trans
Supply pin 5 volts
±5%.
2
429 DI1 (A)
Receiver
ARlNC 429 data input to Receiver 1.
3
429 DI1 (B)
Receiver
ARlNC 429 data input to Receiver 1.
4
429 Dl2 (A)
Receiver
ARINC 429 data input to Receiver 2.
5
429 DI2 (B)
Receiver
ARINC 429 data input to Receiver 2.
6D/R1
Receiver
Device ready flag output from Receiver 1 indicating a valid data word is ready to be fetched.
7D/R2
Receiver
Device ready flag output from Receiver 2 indicating a valid data word is ready to be fetched.
8
SEL
Receiver
Bus Data Selector - Input signal to select one of two 16-bit words from either Receiver 1 or 2.
9EN1
Receiver
Input signal to enable data from Receiver 1 onto the data bus.
10
EN2
Receiver
Input signal to enable data from Receiver 2 onto the data bus.
11
BD15
Recs/Trans
Bi-directional data bus for fetching data from either of the Receivers, or for loading data into
the Transmitter memory or control word register. See Control Word Table for description of
Control Word bits.
12
BD14
Recs/Trans
See Pin 11.
13
BD13
Recs/Trans
See Pin 11.
14
BD12
Recs/Trans
See Pin 11.
15
BD11
Recs/Trans
See Pin 11.
16
BD10
Recs/Trans
See Pin 11.
17
BD09
Recs/Trans
See Pin 11.
18
BD08
Recs/Trans
See Pin 11.
19
BD07
Recs/Trans
See Pin 11.
20
BD06
Recs/Trans
See Pin 11.
21
GND
Recs/Trans
Circuit Ground.
22
BD05
Recs/Trans
See Pin 11.
23
BD04
Recs/Trans
See Pin 11. Control Word function not applicable.
24
BD03
Recs/Trans
See Pin 11. Control Word function not applicable.
25
BD02
Recs/Trans
See Pin 11. Control Word function not applicable.
26
BD01
Recs/Trans
See Pin 11. Control Word function not applicable.
27
BD00
Recs/Trans
See Pin 11. Control Word function not applicable.
28
PL1
Transmitter
Parallel load input signal loading the first 16-bit word into the Transmitter memory.
29
PL2
Transmitter
Parallel load input signal loading the first 16-bit word into the Transmitter memory and ini-
tiates data transfer into the memory stack.
30
TX/R
Transmitter
Transmitter flag output to indicate the memory is empty.
HS-3282


Similar Part No. - 5962-8688001XA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-8688001XA INTERSIL-5962-8688001XA Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
5962-8688001XA INTERSIL-5962-8688001XA Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
More results

Similar Description - 5962-8688001XA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com