Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP50110JI-52 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HSP50110JI-52
Description  Digital Quadrature Tuner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50110JI-52 Datasheet(HTML) 5 Page - Intersil Corporation

  HSP50110JI-52 Datasheet HTML 1Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 2Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 3Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 4Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 5Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 6Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 7Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 8Page - Intersil Corporation HSP50110JI-52 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
processing pipeline latency, and the latency of the part’s
serial interfaces while conserving power. Note: the
effective input sample rate to the internal processing
elements is equal to the frequency with which ENI is
asserted “low”.
In Interpolated Input Mode, the ENI input is used to insert
zeroes between the input data samples. This process
increases the input sample rate to the processing elements
which improves the time resolution of the processing chain.
When ENI is sampled “high” by CLK, a zero is input into the
processing pipeline. When ENI is sampled “low” the input
data is fed into the pipeline. Note: Due to the nature of the
rate change operation, consideration must be given to
the scaling and interpolation filtering required for a
particular rate change factor.
In either the Gated or Interpolated Input Mode, the
Synthesizer NCO is gated by the ENI input. This only allows
clocking of the NCO when external samples are input to the
processing pipeline. As a result, the NCO frequency must be
set relative to the input sample rate, not the CLK rate (see
Synthesizer/Mixer Section). NOTE: Only fixed
interpolation rates should be used when operating the
part in Interpolated Mode at the Input Controller.
Input Level Detector
The Input Level Detector generates a one-bit error signal for
an external IF AGC filter and amp. The error signal is
generated by comparing the magnitude of the input samples
to a user programmable threshold. The HI/LO pin is then
driven “high” or “low” depending the relationship of its
magnitude to the threshold. The sense of the HI/LO pin is
programmable so that a magnitude exceeding the threshold
can either be represented as a “high” or “low” logic state.
The threshold and the sense of the HI/LO pin are configured
by loading the appropriate control registers via the
Microprocessor Interface (see Tables 7 and 11).
The high/low outputs can be integrated by an external loop
filter to close an AGC loop. Using this method the gain of the
loop forces the median magnitude of the input samples to
the threshold. When the magnitude of half the samples are
above the threshold and half are below, the error signal is
integrated to zero by the loop filter.
The algorithm for determining the magnitude of the complex
input is given by:
Mag(I,Q) = |I| + .375 x |Q| if |I| > |Q|
(EQ. 1)
or:
Mag(I,Q) = |Q| + .375 x |I| if |Q| > |I|,
(EQ. 2)
Using this algorithm, the magnitude of complex inputs can
be estimated with an error of <0.55dB or approximately
6.5%. For real inputs, the magnitude detector reduces to a
an absolute value detector with negligible error.
Note: an external AGC loop using the Input Level
Detector may go unstable for a real sine wave input
whose frequency is exactly one quarter of the sample
rate (FS/4). The Level Detector responds to such an
input by producing a square wave output with a 50%
duty cycle for a wide range of thresholds. This square
wave integrates to zero, indicating no error for a range
of input signal amplitudes.
Synthesizer/Mixer
The Synthesizer/Mixer spectrally shifts the input signal of
interest to DC for subsequent baseband filtering. This
function is performed by using a complex multiplier to
multiply the input with the output of a quadrature numerically
controlled oscillator (NCO). The multiplier operation is:
IOUT = IIN x cos (ωc) - QIN x sin (ωc)
(EQ. 3)
QOUT = IIN x sin (ωc) + QIN x cos (ωc)
(EQ. 4)
The complex multiplier output is rounded to 12 bits. For real
inputs this operation is similar to that performed by a
quadrature downconverter. For complex inputs, the
Synthesizer/Mixer functions as a single-sideband or image
reject mixer which shifts the frequency of the complex
samples without generating images.
The quadrature outputs of the NCO are generated by driving
a sine/cosine lookup table with the output of a phase
accumulator as shown in Figure 2. Each time the phase
accumulator is clocked, its sum is incremented by the sum of
SHIFT REG
SYNC
REG
SYNC
CFLD
COF
COFSYNC
SIN/COS
ROM
REG
REG
TO COMPLEX MULTIPLIER
SIN
COS
PH0-1
LOTP
CARRIER
FREQUENCY
LOAD CARRIER
FREQUENCY
PHASE OFFSET
32
32
8
2
10
10
MUX
0
COF
MUX
0
LOAD
PHASE
ACCUMULATOR
CF
COF
ENABLE
R
E
G
REG
+
REG
+
REG
R
E
G
R
E
G
Controlled via
microprocessor interface.
FIGURE 2. SYNTHESIZER NCO
11
HSP50110


Similar Part No. - HSP50110JI-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110JI-52 INTERSIL-HSP50110JI-52 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
HSP50110JI-52 INTERSIL-HSP50110JI-52 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110JI-52 RENESAS-HSP50110JI-52 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
More results

Similar Description - HSP50110JI-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
HSP50110 INTERSIL-HSP50110_01 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
logo
Broadcom Corporation.
BCM3416 BOARDCOM-BCM3416 Datasheet
175Kb / 1P
   ADVANCED DIGITAL CABLE TUNER
logo
Texas Instruments
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Texas Instruments
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com