Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C622 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16C622
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C622 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16C622 Datasheet HTML 2Page - Microchip Technology PIC16C622 Datasheet HTML 3Page - Microchip Technology PIC16C622 Datasheet HTML 4Page - Microchip Technology PIC16C622 Datasheet HTML 5Page - Microchip Technology PIC16C622 Datasheet HTML 6Page - Microchip Technology PIC16C622 Datasheet HTML 7Page - Microchip Technology PIC16C622 Datasheet HTML 8Page - Microchip Technology PIC16C622 Datasheet HTML 9Page - Microchip Technology PIC16C622 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
PIC16C62X
DS30235G-page 6
Preliminary
© 1998 Microchip Technology Inc.
TABLE 1-1:
PIC16C62X FAMILY OF DEVICES
PIC16C620
PIC16C620A
PIC16CR620A
PIC16C621
PIC16C621A
PIC16C622
PIC16C622A
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
20
Memory
EPROM Program
Memory
(x14 words)
512
512
512
1K
1K
2K
2K
Data Memory (bytes)
80
96
96
80
96
128
128
Peripherals
Timer Module(s)
TMR0
TMR0
TMRO
TMR0
TMR0
TMR0
TMR0
Comparators(s)
2
2
2
2
2
2
2
Internal Reference
Voltage
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Features
Interrupt Sources
4
4
4
4
4
4
4
I/O Pins
13
13
13
13
13
13
13
Voltage Range (Volts) 2.5-6.0
3.0-5.5
2.5-5.5
2.5-6.0
3.0-5.5
2.5-6.0
3.0-5.5
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability. All PIC16C62X Family devices use serial programming with clock pin RB6 and data pin RB7.


Similar Part No. - PIC16C622

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C622 MICROCHIP-PIC16C622 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C622 MICROCHIP-PIC16C622 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
PIC16C622 MICROCHIP-PIC16C622 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C622A MICROCHIP-PIC16C622A Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C622A MICROCHIP-PIC16C622A Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
More results

Similar Description - PIC16C622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com