Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP50110JC-52 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP50110JC-52
Description  Digital Quadrature Tuner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50110JC-52 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP50110JC-52 Datasheet HTML 1Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 2Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 3Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 4Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 5Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 6Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 7Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 8Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
SOF
I
Sampler Offset Frequency. This serial input is used to load the Sampler Offset Frequency into the Re-Sampler NCO
(see Serial Interface Section). The new offset frequency is shifted in MSB first by CLK starting with the clock cycle after
assertion of SOFSYNC.
SOFSYNC
I
Sampler Offset Frequency Sync. This signal is asserted one CLK cycle before the MSB of Sampler Offset Frequency
data word (see Serial Interface Section).
A2-0
I
Address Bus. These inputs specify a target register within the Microprocessor Interface (see Table 5). A2 is the MSB.
This input is setup and held to the rising edge of WR.
C7-0
I/0
Control Bus. This is the bidirectional data bus for reads and writes to the Microprocessor Interface (see Microprocessor
Interface Section). C7 is the MSB.
WR
I
Write. This is the write strobe for the Microprocessor Interface (see Microprocessor Interface Section).
RD
I
Read. This is the read enable for the Microprocessor Interface (see Microprocessor Interface Section).
IOUT9-0
O
In-Phase Output. The data on these pins is output synchronous to CLK. New data on IOUT9-0 is indicated by the as-
sertion of the DATARDY pin. Data may be output parallel or serial mode (see Output Formatter Section). In the parallel
mode, IOUT9 is the MSB. When the serial mode is used, IOUT0 is data, and IOUT9 is the serial clock. Other pins not
used in serial mode may be set high or low via the control interface.
QOUT9-0
O
Quadrature Output. The data on these pins is output synchronous to CLK. New data on the QOUT(9-0) pins is indicated
by the DATARDY pin. Data may be output parallel or serial mode. In the parallel mode, IOUT9 is the MSB. When the
serial mode is used, QOUT0 is data.
DATARDY
O
Data Ready. This output is asserted on the first clock cycle that new data is available on the IOUT and QOUT data
busses (see Output Formatter Section). This pin may be active ‘high’ or ‘low’ depending on the configuration of the I/O
Formatting/Control Register (see Table 9). In serial mode, DATARDY is asserted one IQ clock before for first bit of serial
data.
OEI
I
In-Phase Output Enable. This pin is the three-state control for IOUT9-0. When OEI is ‘high’, the IOUT bus is held in the
high impedance state.
OEQ
I
Quadrature Output Enable. This pin is the three-state control for QOUT9-0. When OEQ is ‘high’, the QOUT bus is held
in the high impedance state.
LOTP
0
Local Oscillator Test Point. This output is the MSB of the Synthesizer NCO phase accumulator (see Synthesizer/Mixer
Section). This is provided as a test point for monitoring the frequency of the Synthesizer NCO.
SSTRB
0
Sample Strobe. This is the bit rate strobe for the bit rate NCO. SSTRB has two modes of operation: continuous update
and sampled. In continuous update mode, this is the carry output of the Re-Sampler NCO. In sampled mode, SSTRB
is active synchronous to the DATARDY signal for parallel output mode. The sampled mode is provided to signal the
nearest output sample aligned with or following the symbol boundary. This signal can be used with SPH(4-0) below to
control a resampling filter to time shift its impulse response to align with the symbol boundaries.
SPH4-0
0
Sample Phase. These are five of the most significant 8 bits of the Re-Sampler NCO phase accumulator. Which five bits
of the eight is selected via the Chip Configuration Register (see Table 11). These pins update continuously when the
SSTRB output is in the continuous update mode. When the SSTRB pin is in the sampled mode, SPH4-0 update only
when the SSTRB pin is asserted. In the sampled mode, these pins indicate how far the bit phase has advanced past
the symbol boundary when the output sample updates. SPH4 is the MSB.
HI/LO
0
HI/LO. The output of the Input Level Detector is provided on this pin (see Input Level Detector Section). The sense of
the HI/LO pin is set via the Chip Configuration Register (see Table 11). This signal can be externally averaged and used
to control the gain of an amplifier to close an AGC loop around the A/D converter. This type of AGC sets the level based
on the median value on the input.
CLK
I
Clock. All I/O’s with the exception of the output enables and the microprocessor interface are synchronous to clock.
Pin Descriptions (Continued)
NAME
TYPE
DESCRIPTION
HSP50110


Similar Part No. - HSP50110JC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110JC-52 RENESAS-HSP50110JC-52 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
More results

Similar Description - HSP50110JC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
HSP50110 INTERSIL-HSP50110_01 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
logo
Broadcom Corporation.
BCM3416 BOARDCOM-BCM3416 Datasheet
175Kb / 1P
   ADVANCED DIGITAL CABLE TUNER
logo
Texas Instruments
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Texas Instruments
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com