Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3-6409-9 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HD3-6409-9
Description  CMOS Manchester Encoder-Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD3-6409-9 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HD3-6409-9 Datasheet HTML 5Page - Intersil Corporation HD3-6409-9 Datasheet HTML 6Page - Intersil Corporation HD3-6409-9 Datasheet HTML 7Page - Intersil Corporation HD3-6409-9 Datasheet HTML 8Page - Intersil Corporation HD3-6409-9 Datasheet HTML 9Page - Intersil Corporation HD3-6409-9 Datasheet HTML 10Page - Intersil Corporation HD3-6409-9 Datasheet HTML 11Page - Intersil Corporation HD3-6409-9 Datasheet HTML 12Page - Intersil Corporation HD3-6409-9 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN2951.4
October 1, 2015
Capacitance TA = +25°C, Frequency = 1MHz.
SYMBOL
PARAMETER
TEST CONDITIONS
TYP
UNITS
CIN
Input Capacitance
All measurements are referenced to device GND
10pF
COUT
Output Capacitance
12
pF
AC Electrical Specifications VCC = 5.0V 10%, TA = -40°C to +85°C (HD-6409-9).
SYMBOL
PARAMETER
TEST CONDITIONS
(Note 7)
MIN
MAX
UNITS
fC
Clock Frequency
-
-
16
MHz
tC
Clock Period
-
1/fC
-sec
t1
Bipolar Pulse Width
-
tC+10
-
ns
t3
One-Zero Overlap
-
-
tC-10
ns
tCH
Clock High Time
f = 16.0MHz
20
-
ns
tCL
Clock Low Time
f = 16.0MHz
20
-
ns
tCE1
Serial Data Setup Time
-
120
-
ns
tCE2
Serial Data Hold Time
-
0
-
ns
tCD2
DCLK to SDO, NVM
-
-
40
ns
tR2
ECLK to BZO
-
-
40
ns
tr
Output Rise Time (All except Clock)
From 1.0V to 3.5V, CL = 50pF, Note 8
-
50
ns
tf
Output Fall Time (All except Clock)
From 3.5V to 1.0V, CL = 50pF, Note 8
-
50
ns
tr
Clock Output Rise Time
From 1.0V to 3.5V, CL = 20pF, Note 8
-
11
ns
tf
Clock Output Fall Time
From 3.5V to 1.0V, CL = 20pF, Note 8
-
11
ns
tCE3
ECLK to BZO, BOO
Notes 8, 9
0.5
1.0
DBP
tCE4
CTS Low to BZO, BOO Enabled
Notes 8, 9
0.5
1.5
DBP
tCE5
CTS Low to ECLK Enabled
Notes 8, 9
10.5
11.5
DBP
tCE6
CTS High to ECLK Disabled
Notes 8, 9
-
1.0
DBP
tCE7
CTS High to BZO, BOO Disabled
Notes 8, 9
1.5
2.5
DBP
tCD1
UDI to SDO, NVM
Notes 8, 9
2.5
3.0
DBP
tCD3
RST Low to CDLK, SDO, NVM Low
Notes 8, 9
0.5
1.5
DBP
tCD4
RST High to DCLK, Enabled
Notes 8, 9
0.5
1.5
DBP
tR1
UDI to BZO, BOO
Notes 8, 9
0.5
1.0
DBP
tR3
UDI to SDO, NVM
Notes 8, 9
2.5
3.0
DBP
NOTES:
7. AC testing as follows: f = 4.0MHz, VIH = 70% VCC, VIL = 20% VCC, Speed Select = 16X, VOH  VCC/2, VOL VCC/2, VCC = 4.5V and 5.5V.
Input rise and fall times driven at 1ns/V, Output load = 50pF.
8. Limits established by characterization and are not production tested.
9. DBP-Data Bit Period, Clock Rate = 16X, one DBP = 16 Clock Cycles; Clock Rate = 32X, one DBP = 32 Clock Cycles.
HD-6409
HD-6409


Similar Part No. - HD3-6409-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
269Kb / 14P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD3-6409-9 RENESAS-HD3-6409-9 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD3-6409-9Z INTERSIL-HD3-6409-9Z Datasheet
269Kb / 14P
   CMOS Manchester Encoder-Decoder
More results

Similar Description - HD3-6409-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com