Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950-N Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2950-N
Description  LP295x-N Series of Adjustable Micropower Voltage Regulators
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950-N Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2950-N_15 Datasheet HTML 5Page - Texas Instruments LP2950-N_15 Datasheet HTML 6Page - Texas Instruments LP2950-N_15 Datasheet HTML 7Page - Texas Instruments LP2950-N_15 Datasheet HTML 8Page - Texas Instruments LP2950-N_15 Datasheet HTML 9Page - Texas Instruments LP2950-N_15 Datasheet HTML 10Page - Texas Instruments LP2950-N_15 Datasheet HTML 11Page - Texas Instruments LP2950-N_15 Datasheet HTML 12Page - Texas Instruments LP2950-N_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
LP2950-N, LP2951-N
www.ti.com
SNVS764O – JANUARY 2000 – REVISED DECEMBER 2014
7.7 Typical Characteristics
Figure 2. Dropout Characteristics
Figure 1. Quiescent Current
Figure 3. Input Current
Figure 4. Input Current
Figure 6. Quiescent Current
Figure 5. Output Voltage vs. Temperature of 3
Representative Units
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2950-N LP2951-N


Similar Part No. - LP2950-N_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
LP2950-N TI1-LP2950-N Datasheet
1Mb / 42P
[Old version datasheet]   LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
More results

Similar Description - LP2950-N_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2950-50 TI-LP2950-50_15 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-30 TI-LP2951-30_15 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2950 TI-LP2950 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951 TI-LP2951_15 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com