Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2937ET-5.0 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937ET-5.0
Description  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937ET-5.0 Datasheet(HTML) 4 Page - Texas Instruments

  LM2937ET-5.0 Datasheet HTML 1Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 2Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 3Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 4Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 5Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 6Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 7Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 8Page - Texas Instruments LM2937ET-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM2937
SNVS100F – MARCH 2000 – REVISED JULY 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Continuous
26
Input voltage (VIN)
V
Transient (t
≤ 100 ms)
60
Internal power dissipation(3)
Internally limited
Maximum junction temperature
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125°C − TA)/RθJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and RθJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the LM2937 will go into thermal shutdown.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
V(ESD)
Electrostatic discharge
V
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
LM2937ET (NDE), LM2937ES (KTT)
−40
125
Junction temperature (TJ)
(2)
°C
LM2937IMP (DCY)
−40
85
Input voltage (VIN)
VOUT + 1V
26
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125°C − TA)/RθJA, where 125°C is the maximum
junction temperature for operation, TA is the ambient temperature, and RθJA is the junction-to-ambient thermal resistance. If this
dissipation is exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature
rises above 150°C, the LM2937 will go into thermal shutdown.
6.4 Thermal Information
LM2937
THERMAL METRIC(1)
NDE(2)
KTT
DCY
UNIT
3 PINS
3 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
77.9
41.8
58.3
RθJC(top)
Junction-to-case (top) thermal resistance
35.5
43.5
39.2
RθJB
Junction-to-board thermal resistance
70.6
0.8
N/A
°C/W
ψJT
Junction-to-top characterization parameter
13
23.5
7
ψJB
Junction-to-board characterization parameter
70.6
10.3
1.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1
22.5
22.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal information for the TO-220 package is for a free-standing package vertically mounted in the middle of a PCB which is compliant
to the JEDEC HIGH-K 2s2p (JESD51-7) specifications. No additional heat sink is attached. See Heatsinking TO-220 Package Parts
section for more information.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2937


Similar Part No. - LM2937ET-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937ET-5.0 NSC-LM2937ET-5.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
LM2937ET-5.0/NOPB TI1-LM2937ET-5.0/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

Similar Description - LM2937ET-5.0

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com