Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2930T-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2930T-5.0
Description  3-Terminal Positive Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2930T-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM2930T-5.0 Datasheet HTML 1Page - Texas Instruments LM2930T-5.0 Datasheet HTML 2Page - Texas Instruments LM2930T-5.0 Datasheet HTML 3Page - Texas Instruments LM2930T-5.0 Datasheet HTML 4Page - Texas Instruments LM2930T-5.0 Datasheet HTML 5Page - Texas Instruments LM2930T-5.0 Datasheet HTML 6Page - Texas Instruments LM2930T-5.0 Datasheet HTML 7Page - Texas Instruments LM2930T-5.0 Datasheet HTML 8Page - Texas Instruments LM2930T-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM2930
www.ti.com
SNVS745D – APRIL 1998 – REVISED APRIL 2013
Electrical Characteristics
(1)
LM2930-8.0 (VIN=14V, IO=150 mA, Tj=25°C
(2), C2=10 μF, unless otherwise specified)
Parameter
Conditions
Typ
Tested
Design
Unit
Limit(3)
Limit(4)
Output Voltage
8
8.5
VMAX
7.5
VMIN
9.4V
≤VIN≤26V, 5 mA≤IO≤150 mA,
8.8
VMAX
−40°C≤TJ≤125°C
7.2
VMIN
Line Regulation
9.4V
≤VIN≤16V, IO=5 mA
12
50
mVMAX
9.4V
≤VIN≤26V, IO=5 mA
50
100
mVMAX
Load Regulation
5 mA
≤IO≤150 mA
25
50
mVMAX
Output Impedance
100 mADC & 10 mArms, 100 Hz−10 kHz
300
m
Ω
Quiescent Current
IO=10 mA
4
7
mAMAX
IO=150 mA
18
40
mAMAX
Output Noise Voltage
10 Hz
−100 kHz
170
μVrms
Long Term Stability
30
mV/1000 hr
Ripple Rejection
fO=120 Hz
52
dB
Current Limit
400
700
mAMAX
150
mAMIN
Dropout Voltage
IO=150 mA
0.32
0.6
VMAX
Output Voltage Under
−12V≤VIN≤40V, RL=100Ω
8.8
VMAX
Transient Conditions
−0.3
VMIN
(1)
All characteristics are measured with a capacitor across the input of 0.1
μF and a capacitor across the output of 10 μF. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tW≤10 ms, duty cycle≤5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
(2)
To ensure constant junction temperature, low duty cycle pulse testing is used.
(3)
Ensured and 100% production tested.
(4)
Ensured (but not 100% production tested) over the operating temperature and input current ranges. These limits are not used to
calculate outgoing quality levels.
Typical Application
*Required if regulator is located far from power supply filter.
**COUT must be at least 10 μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator. The equivalent series resistance (ESR) of this capacitor should be less than 1
Ω
over the expected operating temperature range.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2930


Similar Part No. - LM2930T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930T-5.0 NSC-LM2930T-5.0 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
More results

Similar Description - LM2930T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AJ HSMC-H7808AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7815AE HSMC-H7815AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com