Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM137HVQML Datasheet(PDF) 2 Page - Texas Instruments

Part # LM137HVQML
Description  LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM137HVQML Datasheet(HTML) 2 Page - Texas Instruments

  LM137HVQML_15 Datasheet HTML 1Page - Texas Instruments LM137HVQML_15 Datasheet HTML 2Page - Texas Instruments LM137HVQML_15 Datasheet HTML 3Page - Texas Instruments LM137HVQML_15 Datasheet HTML 4Page - Texas Instruments LM137HVQML_15 Datasheet HTML 5Page - Texas Instruments LM137HVQML_15 Datasheet HTML 6Page - Texas Instruments LM137HVQML_15 Datasheet HTML 7Page - Texas Instruments LM137HVQML_15 Datasheet HTML 8Page - Texas Instruments LM137HVQML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM137HVQML
SNVS314A – DECEMBER 2010 – REVISED APRIL 2013
www.ti.com
Typical Applications
C1 = 1 μF solid tantalum or 10 μF aluminum electrolytic required for stability. Output capacitors in the range of 1 μF
to 1000
μF of aluminum or tantalum electrolytic are commonly used to provide improved output impedance and
rejection of transients.
*C2 = 1 μF solid tantalum is required only if regulator is more than 4″ from power-supply filter capacitor.
Figure 3. Adjustable Negative Voltage Regulator
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Power Dissipation(2)
Internally limited
Input—Output Voltage Differential
50V
Operating Ambient Temperature Range
−55°C ≤ TA
+125°C
Maximum Junction Temperature Range
+150°C
Storage Temperature
−65°C ≤ TA
+150°C
Lead Temperature (Soldering, 10 sec.)
300°C
Thermal Resistance
θJA
NDT0003A pkg. (Still Air @ 0.5W)
174°C/W
NDT0003A pkg. (500LF / Min Air Flow @ 0.5W)
64°C/W
K pkg. (Still Air @ 0.5W)
42°C/W
K pkg. (500LF / Min Air Flow @ 0.5W)
14°C/W
θJC
NDT0003A pkg. (@ 1.0W)
15°C/W
K pkg.
4°C/W
Package Weight (Typical)
NDT0003A pkg
955mg
K pkg
12,750mg
ESD Rating(3)
4000V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance, and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA) / θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 100pF discharged through 1.5K
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM137HVQML


Similar Part No. - LM137HVQML_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
More results

Similar Description - LM137HVQML_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com