Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP451WF Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP451WF
Description  13.56 MHz Read/Write Passive RFID Device
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP451WF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP451WF Datasheet HTML 2Page - Microchip Technology MCP451WF Datasheet HTML 3Page - Microchip Technology MCP451WF Datasheet HTML 4Page - Microchip Technology MCP451WF Datasheet HTML 5Page - Microchip Technology MCP451WF Datasheet HTML 6Page - Microchip Technology MCP451WF Datasheet HTML 7Page - Microchip Technology MCP451WF Datasheet HTML 8Page - Microchip Technology MCP451WF Datasheet HTML 9Page - Microchip Technology MCP451WF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
MCRF450/451/452/455
DS40232H-page 6
 2003 Microchip Technology Inc.
TABLE 2-3:
OPERATING AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature = -20°C to +70°C.
Parameters
Symbol
Min
Typ
Max Units
Conditions
Carrier frequency
F
C
2.0
13.56
35
MHz
Device data rate
F
M
58
70
82
kHz
Manchester coding, both Normal and
Fast modes, 70 kHz ±17% (Note 1)
Pulse width of 1-of-16 PPM
for Normal mode
PW
PPM_N
145
175
205
µs
See Figure 6-2 and Table 6-7,
175
µs ±17%
Pulse width of 1-of-16 PPM
for Fast mode
PW
PPM_F
8.3
10
11.7
µs
See Figure 6-2 and Table 6-7
Symbol duration of 1-of-
16 PPM for Normal mode
SW
PPM_N
2.32
2.8
3.28
ms
See Figure 6-9
Symbol duration of
1-of-16 PPM for Fast mode
SW
PPM_F
133
160
187
µs
Modulation index of gap
pulse
MOD
INDEX_GAP
20
60
100
%
See Figure 6-2
Gap width of Interrogator
command and data except
Fast mode data
GAP
WIDTH_N
20
100
150
µs
See Figure 6-2 and Table 6-7
Gap width of Fast mode
data
GAP
WIDTH_F
6.0
7.0
8.0
µs
See Figure 6-2 and Table 6-7
Coil voltage during reading
V
PP_AC
4.0
V
PP
Peak-to-Peak voltage across the coil
during reading
Detuning voltage
V
DETUNE
3.0
4.0
V
DC
V
DD voltage at which the input voltage
limiting circuit becomes active
EEPROM (Memory)
Writing Time
T
WRITE
5.0
ms
Write time for a 32-bit block
Command Decode Time
T
DECODE
0.97
1.225
1.48
ms
Time delay between end of command
symbol and start of the device
response
Time slot
T
SLOT
2.1
2.5
2.93
ms
Listening Window
T
LW
0.82
1.0
1.17
ms
Command Duration of Fast
Read command (FRR and
FRB)
T_CMD_
FRR
1.305 1.575 1.845
ms
175
µs/pulse position x 9 pulse
positions = 1.575 ms
Internal Resonant
Capacitor
C
RES_100
85.5
95
104.5
pF
Between Ant. A and V
SS pads at
13.56 MHz and at 25°C (MCRF451)
See Figure 2-3
C
RES_2_50
27
30
33
pF
Between Ant. A and V
SS pads at
13.56 MHz and at 25°C (MCRF452)
See Figure 2-4
C
RES_50
45
50
55
pF
Between Ant. A and V
SS pads at
13.56 MHz and at 25°C (MCRF455)
See Figure 2-5
Parasitic Input Capacitance
of MCRF450
C
PARA_IN
3.5
pF
Between antenna pad A and V
SS, at
13.56 MHz with modulation transistor
off (no external coils). Not tested in
production
Note 1:
Tested in production at V
DD = 2.8 VDC and 5.0 VDC.


Similar Part No. - MCP451WF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4531 MICROCHIP-MCP4531 Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP4531 MICROCHIP-MCP4531 Datasheet
3Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4531 MICROCHIP-MCP4531 Datasheet
2Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP4531-103E/MF MICROCHIP-MCP4531-103E/MF Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP4531-103E/ML MICROCHIP-MCP4531-103E/ML Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
More results

Similar Description - MCP451WF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF355 MICROCHIP-MCRF355 Datasheet
497Kb / 22P
   13.56 MHz Passive RFID Device with Anti-Collision Feature
10/18/02
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
ATA5577C ATMEL-ATA5577C_14 Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577C ATMEL-ATA5577C Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5575M2 ATMEL-ATA5575M2_14 Datasheet
915Kb / 25P
   Read/Write LF RFID IDIC 100kHz to 150kHz
ATA5575M1 ATMEL-ATA5575M1_14 Datasheet
813Kb / 22P
   Read/Write LF RFID IDIC 100kHz to 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com