Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM109 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM109
Description  5-Volt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM109 Datasheet(HTML) 4 Page - Texas Instruments

  LM109_15 Datasheet HTML 1Page - Texas Instruments LM109_15 Datasheet HTML 2Page - Texas Instruments LM109_15 Datasheet HTML 3Page - Texas Instruments LM109_15 Datasheet HTML 4Page - Texas Instruments LM109_15 Datasheet HTML 5Page - Texas Instruments LM109_15 Datasheet HTML 6Page - Texas Instruments LM109_15 Datasheet HTML 7Page - Texas Instruments LM109_15 Datasheet HTML 8Page - Texas Instruments LM109_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Application Hints
1.
Bypass the input of the LM109 to ground with
≥ 0.2 µF
ceramic or solid tantalum capacitor if main filter capaci-
tor is more than 4 inches away.
2.
Avoid insertion of regulator into “live” socket if input
voltage is greater than 10V. The output will rise to within
2V of the unregulated input if the ground pin does not
make contact, possibly damaging the load. The LM109
may also be damaged if a large output capacitor is
charged up, then discharged through the internal clamp
zener when the ground pin makes contact.
3.
The output clamp zener is designed to absorb tran-
sients only. It will not clamp the output effectively if a
failure occurs in the internal power transistor structure.
Zener dynamic impedance is
≈ 4Ω. Continuous RMS
current into the zener should not exceed 0.5A.
4.
Paralleling of LM109s for higher output current is not
recommended. Current sharing will be almost nonexist-
ent, leading to a current limit mode operation for devices
with the highest initial output voltage. The current limit
devices may also heat up to the thermal shutdown point
(
≈ 175˚C). Long term reliability cannot be guaranteed
under these conditions.
5.
Preventing latchoff for loads connected to negative
voltage:
If the output of the LM109 is pulled negative by a high
current supply so that the output pin is more than 0.5V
negative with respect to the ground pin, the LM109 can latch
off. This can be prevented by clamping the ground pin to the
output pin with a germanium or Schottky diode as shown. A
silicon diode (1N4001) at the output is also needed to keep
the positive output from being pulled too far negative. The
10
Ω resistor will raise +V
OUT by ≈ 0.05V.
Crowbar Overvoltage Protection
Typical Performance Characteristics
DS007138-7
Input Crowbar
DS007138-8
Output Crowbar
DS007138-9
*Zener is internal to LM109.
**Q1 must be able to withstand 7A continuous current if fusing is not used
at regulator input. LM109 bond wires will fuse at currents above 7A.
†Q2 is selected for surge capability. Consideration must be given to filter
capacitor size, transformer impedance, and fuse blowing time.
††Trip point is
≈ 7.5V.
Maximum Average
Power Dissipation (LM109K)
DS007138-16
Maximum Average
Power Dissipation (LM309K)
DS007138-17
Output Impedance
DS007138-18
www.national.com
3


Similar Part No. - LM109_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
[Old version datasheet]   5-Volt Regulator
More results

Similar Description - LM109_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Texas Instruments
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109JAN TI-LM109JAN_15 Datasheet
294Kb / 13P
[Old version datasheet]   LM109JAN 5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com