Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT3419 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3419
Description  ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3419 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3419_15 Datasheet HTML 1Page - Unisonic Technologies UT3419_15 Datasheet HTML 2Page - Unisonic Technologies UT3419_15 Datasheet HTML 3Page - Unisonic Technologies UT3419_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UT3419
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-391.F
TYPICAL CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UT3419_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3419G-AE3-R UTC-UT3419G-AE3-R Datasheet
145Kb / 3P
   20V, 3.5A P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
UT3419G-AE3-R VBSEMI-UT3419G-AE3-R Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Unisonic Technologies
UT3419L-AE3-R UTC-UT3419L-AE3-R Datasheet
145Kb / 3P
   20V, 3.5A P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - UT3419_15

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7808 CET-CEM7808 Datasheet
587Kb / 7P
   Enhancement Mode Field Effect Transistor
logo
ATMEL Corporation
AO4603 ATMEL-AO4603 Datasheet
144Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4601 AOSMD-AO4601 Datasheet
306Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 AOSMD-AO7600 Datasheet
145Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4624 AOSMD-AO4624_09 Datasheet
260Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com