Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37LV128-IL Datasheet(PDF) 1 Page - Microchip Technology

Part # 37LV128-IL
Description  36K, 64K, and 128K Serial EPROM Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV128-IL Datasheet(HTML) 1 Page - Microchip Technology

  37LV128-IL Datasheet HTML 1Page - Microchip Technology 37LV128-IL Datasheet HTML 2Page - Microchip Technology 37LV128-IL Datasheet HTML 3Page - Microchip Technology 37LV128-IL Datasheet HTML 4Page - Microchip Technology 37LV128-IL Datasheet HTML 5Page - Microchip Technology 37LV128-IL Datasheet HTML 6Page - Microchip Technology 37LV128-IL Datasheet HTML 7Page - Microchip Technology 37LV128-IL Datasheet HTML 8Page - Microchip Technology 37LV128-IL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21109E-page 1
37LV36/65/128
FEATURES
• Operationally equivalent to Xilinx® XC1700 family
• Wide voltage range 3.0 V to 6.0 V
• Maximum read current 10 mA at 5.0 V
• Standby current 100
µA typical
• Industry standard Synchronous Serial Interface/
1 bit per rising edge of clock
• Full Static Operation
• Sequential Read/Program
• Cascadable Output Enable
• 10 MHz Maximum Clock Rate @ 5.0 Vdc
• Programmable Polarity on Hardware Reset
• Programming with industry standard EPROM pro-
grammers
• Electrostatic discharge protection > 4,000 volts
• 8-pin PDIP/SOIC and 20-pin PLCC packages
• Data Retention > 200 years
• Temperature ranges:
-
Commercial: 0
°C to +70°C
- Industrial:
-40
°C to +85°C
DESCRIPTION
The Microchip Technology Inc. 37LV36/65/128 is a
family of Serial OTP EPROM devices organized inter-
nally in a x32 configuration. The family also features a
cascadable option for increased memory storage
where needed.
The 37LV36/65/128 is suitable for
many applications in which look-up table information
storage is desirable and provides full static operation in
the 3.0V to 6.0V VCC range. The devices also support
the industry standard serial interface to the popular
RAM-based Field Programmable Gate Arrays (FPGA).
Advanced CMOS technology makes this an ideal boot-
strap solution for today's high speed SRAM-based
FPGAs. The 37LV36/65/128 family is available in the
standard 8-pin plastic DIP, 8-pin SOIC and 20-pin
PLCC packages.
Device
Bits
Programming Word
37LV36
36,288
1134 x 32
37LV65
65,536
2048 x 32
37LV128
131,072
4096 x 32
PACKAGE TYPES
BLOCK DIAGRAM
CLK
RESET/OE
CE
CEO
VPP
Vss
18
17
16
15
14
4
5
6
7
8
VCC
DATA
1
2
3
4
8
7
6
5
VCC
VPP
CEO
VSS
DATA
CLK
RESET/OE
CE
1
2
3
4
8
7
6
5
DATA
CLK
RESET/OE
CE
VCC
VPP
CEO
VSS
PDIP
SOIC
PLCC
OE
DATA
EPROM
ARRAY
CEO
ADDRESS
Counter
CLK
RESET/OE
CE
36K, 64K, and 128K Serial EPROM Family
Xilinx is a registered trademark of Xilinx Corporation.
This document was created with FrameMaker404


Similar Part No. - 37LV128-IL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV128/L MICROCHIP-37LV128/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128/P MICROCHIP-37LV128/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128/SN MICROCHIP-37LV128/SN Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128I/L MICROCHIP-37LV128I/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128I/P MICROCHIP-37LV128I/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
More results

Similar Description - 37LV128-IL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36 MICROCHIP-37LV36_04 Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com