Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG1N120L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UG1N120L-TA3-T
Description  1200V NPT SERIES N-CHANNEL IGBT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UG1N120L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UG1N120L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UG1N120L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UG1N120L-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UG1N120
Preliminary
Insulated Gate Bipolar Transistor
UNISONIC TECHNOLOGIES CO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-028.a
ABSOLUTE MAXIMUM RATING (T
C =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Emitter Voltage
BVCES
1200
V
Gate to Emitter Voltage Continuous
VGES
±20
V
Gate to Emitter Voltage Pulsed
VGEM
±30
V
Collector Current Continuous
TC=25°C
IC
5.3
A
TC=110°C
2.7
A
Collector Current Pulsed (Note 1)
ICM
6
A
Power Dissipation Total at TC=25°C
PD
60
W
Power Dissipation Derating TC>25°C
0.476
W/°C
Forward Voltage Avalanche Energy (Note 2)
EAV
10
mJ
Short Circuit Withstand Time (Note 3) at VGE=15V
tSC
8
µs
Short Circuit Withstand Time (Note 3) at VGE=12V
tSC
13
µs
Operating Junction Temperature Range
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by maximum junction temperature.
3. ICE=7A, L=400µH, VGE=15V, TJ=25°C.
4. VCE(PK)=840V, TJ=125°C, RG=82
Ω.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
2.1
°C/W
ELECTRICAL CHARACTERISTICS (T
C =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector to Emitter Breakdown Voltage
BVCES
IC=250µA, VGE=0V
1200
V
Emitter to Collector Breakdown Voltage
BVECS
IC=10mA, VGE=0V
15
V
Collector to Emitter Leakage Current
ICES
VCE=1200V
TC=25°C
250
µA
TC=125°C
20
µA
TC=150°C
1.0
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC=1.0A, VGE=15V
TC=25°C
2.5
2.9
V
TC=150°C
3.8
4.3
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC=50µA, VCE=VGE
6.0
7.1
V
Gate to Emitter Leakage Current
IGES
VGE=±20V
±250
nA
Switching SOA
SSOA
TJ=150°C, RG=82
Ω, VGE=15V,
L=2mH, VCE(PK)=1200V
6
A
Gate to Emitter Plateau Voltage
VGEP
IC=1.0A, VCE=600V
9.2
V
On-State Gate Charge
QG(ON)
IC=1.0A, VCE=600V
VGE=15V
14
20
nC
VGE=20V
15
21
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ=25°C
ICE=1.0A, VCE=30V, VGE=15V,
RG=82
200
ns
Current Rise Time
trl
470
ns
Current Turn-Off Delay Time
td(OFF)I
118
ns
Current Fall Time
tfl
200
ns


Similar Part No. - UG1N120L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG10 VISHAY-UG10 Datasheet
80Kb / 3P
   Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
UG10 VISHAY-UG10 Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
logo
Diodes Incorporated
UG1001 DIODES-UG1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. A1-2
logo
Lite-On Technology Corp...
UG1001 LITEON-UG1001 Datasheet
35Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UG1N120L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG20N120CN INTERSIL-HGTG20N120CN Datasheet
83Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com