Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37LV36-L Datasheet(PDF) 9 Page - Microchip Technology

Part # 37LV36-L
Description  36K, 64K, and 128K Serial EPROM Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV36-L Datasheet(HTML) 9 Page - Microchip Technology

Back Button 37LV36-L Datasheet HTML 4Page - Microchip Technology 37LV36-L Datasheet HTML 5Page - Microchip Technology 37LV36-L Datasheet HTML 6Page - Microchip Technology 37LV36-L Datasheet HTML 7Page - Microchip Technology 37LV36-L Datasheet HTML 8Page - Microchip Technology 37LV36-L Datasheet HTML 9Page - Microchip Technology 37LV36-L Datasheet HTML 10Page - Microchip Technology 37LV36-L Datasheet HTML 11Page - Microchip Technology 37LV36-L Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21109E-page 9
37LV36/65/128
FIGURE 11-6: READ MANUFACTURER AND DEVICE ID OVERVIEW
FIGURE 11-7: DETAILS OF READ MANUFACTURER AND DEVICE ID
RESET/OE
VCC = VCCP
VCC
VPP
CLK
CE
CEO
VPP1
VPP = VPP2
Enter
Programming
Mode
7 Clocks To
Read
Manufacturer ID
High if RESET/OE configured
Low if RESET/OE configured
Data
Clock past user memory array to ID location
()
37LV128 needs 4104 clocks
37LV36/65 needs 2056 clocks
8 Clocks To
Read Device ID
floats
LSB first
Microchip ID
Device ID
29 Hex
37LV128 = 72 Hex
37LV65 = 71 Hex
37LV36 = 70 Hex
X
DATA
RESET/OE
CE
CLK
’

Ž
‘
Œ
TPCE
LSB=1
0
0
1
0
1
0
0
LSB
• • •
Device ID
Microchip ID = 29 Hex
TPCAC
TPOH

Œ
• • •


Similar Part No. - 37LV36-L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36-/L MICROCHIP-37LV36-/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-/P MICROCHIP-37LV36-/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-/SN MICROCHIP-37LV36-/SN Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-I/L MICROCHIP-37LV36-I/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-I/P MICROCHIP-37LV36-I/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
More results

Similar Description - 37LV36-L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36 MICROCHIP-37LV36_04 Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com